Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA-20PC-1-DC1-PGL-L-C Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # ACA-20PC-1-DC1-PGL-L-C
Description  Digital, LED-Display AC Ammeters with Built-in Current Transformers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACA-20PC-1-DC1-PGL-L-C Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  ACA-20PC-1-DC1-PGL-L-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACA-20PC-1-DC1-PGL-L-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACA-20PC-1-DC1-PGL-L-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACA-20PC-1-DC1-PGL-L-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACA-20PC-1-DC1-PGL-L-C Datasheet HTML 5Page - Murata Power Solutions Inc. ACA-20PC-1-DC1-PGL-L-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
* 1.350 (34.3) for ACA-20PC-4-XXX 100A model.
#2-56 INSERT
0.156 (3.96) DEEP
FRONT VIEW
1.280
(32.51)
0.187
(4.75)
1.826 (46.38)
0.838
(21.29)
1.626 (41.30)
1.07
(27.18)
INTERNAL CORNER RADII:
0.032 (0.81) MAX.
0.093 (2.362) DIA
(4 REQUIRED)
0.116 (2.95)
1.336 (33.93)*
0.145 (3.68)
PANEL CUTOUT
BEZEL INSTALLATION AND RECOMMENDED DRILL AND
PANEL CUTOUT
ACA-20PC Series
Digital, LED-Display AC Ammeters with
Built-in Current Transformers
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
06/25/08
MPM_ACA_20PC.B05 Page 6 of 6
ACA-20PC-4-XXX-L (100A model)
DMS-30798-C (30A model)
MECHANICAL SPECIFICATIONS, CONTINUED
1.00
(25.4)
1.30
(33.0)
1.38
(35.1)
0.040
(1.02)
0.80
(20.3)
0.88
(22.4)
1.14
(29.0)
0.040
(1.02)
0.040
(1.02)
CAL.
FRONT VIEW
BACK VIEW
Lead Length:
2.0 (50.5) min.
ID: 100A Model: 0.58 (14.7)
DMS-30798-C (30A): 0.35 (8.9)
OD: 100A Model: 1.18 (30.0)
DMS-30798-C (30A): 0.87 (22.0)


Similar Part No. - ACA-20PC-1-DC1-PGL-L-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ACA-20PC-2-AC1-RL-C MURATA-ACA-20PC-2-AC1-RL-C Datasheet
449Kb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Murata Power Solutions ...
ACA-20PC-2-AC1-RL-C MURATA-PS-ACA-20PC-2-AC1-RL-C Datasheet
1Mb / 6P
   Digital, LED-Display AC Ammeters with Builtin Current Transformers
2022
ACA-20PC-2-AC1-RL-C MURATA-PS-ACA-20PC-2-AC1-RL-C Datasheet
1Mb / 6P
   True-RMS-AC Ammeters with Built-in CT
2022
ACA-20PC-2-DC1-RL-C MURATA-PS-ACA-20PC-2-DC1-RL-C Datasheet
1Mb / 6P
   Digital, LED-Display AC Ammeters with Builtin Current Transformers
2022
ACA-20PC-2-DC1-RL-C MURATA-PS-ACA-20PC-2-DC1-RL-C Datasheet
1Mb / 6P
   True-RMS-AC Ammeters with Built-in CT
2022
More results

Similar Description - ACA-20PC-1-DC1-PGL-L-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ACA-20PC-2-AC1-RL-C MURATA-ACA-20PC-2-AC1-RL-C Datasheet
449Kb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Murata Power Solutions ...
ACA-20RM MURATA-PS-ACA-20RM Datasheet
649Kb / 5P
   True-RMS-AC Ammeters with Built-in CT
ACA5-20PC MURATA-PS-ACA5-20PC Datasheet
562Kb / 5P
   5 Amp Input LED-Display AC Ammeters
logo
Murata Manufacturing Co...
DCA520PC MURATA-DCA520PC Datasheet
558Kb / 6P
   50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
logo
Murata Power Solutions ...
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM_10 Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
logo
Extech Instruments Corp...
38389 EXTECH-38389_15 Datasheet
274Kb / 1P
   AC and AC/DC Clamp-on Ammeters
logo
Murata Power Solutions ...
ACA5-20RM MURATA-PS-ACA5-20RM Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
logo
Extech Instruments Corp...
ML720 EXTECH-ML720 Datasheet
497Kb / 19P
   MultiLog Digital MultiMeter With built-in Datalogger
logo
Sony Corporation
CXD2545Q SONY-CXD2545Q Datasheet
5Mb / 102P
   CD DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DIGITAL SERV
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com