Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA-20RM-4-AC3-RL-C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # ACA-20RM-4-AC3-RL-C
Description  True-RMS-AC Ammeters with Built-in CT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACA-20RM-4-AC3-RL-C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  ACA-20RM-4-AC3-RL-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACA-20RM-4-AC3-RL-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACA-20RM-4-AC3-RL-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACA-20RM-4-AC3-RL-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACA-20RM-4-AC3-RL-C Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FRONT VIEW
1.280
(32.51)
0.187
(4.75)
RECOMMENDED DRILL AND
PANEL CUTOUT DIMENSIONS
1.826 (46.38)
0.838
(21.29)
1.626 (41.30)
1.07
(27.18)
INTERNAL CORNER RADII:
0.032 (0.81) MAX.
0.093 (2.362) DIAMETER (4 REQUIRED)
0.116 (2.95)
1.336 (33.93)
0.145 (3.68)
0.55
(13.97)
MPM_ACA-20RM_B02 Page 4 of 5
ACA-20RM Series
True-RMS-AC Ammeters with Built-in CT
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
PANEL INSTALLATIONS
BEZEL AND PANEL CUTOUT
All connections to ACA-20RM Series ammeters must be made after the
ammeter is securely attached to its panel and with all associated load
and supply voltages de-energized (off). However, using extreme caution
and observing all safety measures applicable to the user’s installation,
50A split-core CT models can be connected to energized current-carry-
ing load conductors, but connections to TB1 must always be made with
the ammeter’s power source off.
Care should be exercised when passing the load-carrying conductor
through the meter’s built-in CT---particularly when larger conductors are
used. The installed wire-positions should be such that minimal mechani-
cal forces are applied to the built-in CT, TB1, or to the ammeter itself. In
high-vibration environments, it is strongly recommended that adequate
strain reliefs be used for all load and supply wiring.
Figure 4. Panel Installation
Using Figure 4 as a guide, carefully insert the bezel/color filter assembly
into the panel opening. From the rear of the panel, install the four round
plastic standoffs over the bezel’s threaded studs. Install the pc-board
assembly then attach and securely tighten all four hex nuts. Use only
the factory-supplied hardware as the use of substitute hardware could
result in an unsafe installation and/or adversely affect the reliability of
the ammeter itself.
The recommended range of panel thickness that can be used with the
supplied hardware is 0.040 inches (1.0mm) to 0.125 inches (3.2mm).
Panel thickness outside of this range will require additional user-supplied
hardware and/or modifications.
PANEL


Similar Part No. - ACA-20RM-4-AC3-RL-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA-20RM-4-AC3-RL-ALM-C MURATA-PS-ACA-20RM-4-AC3-RL-ALM-C Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-4-AC3-RL-ALM-C MURATA-PS-ACA-20RM-4-AC3-RL-ALM-C Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
More results

Similar Description - ACA-20RM-4-AC3-RL-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA5-20RM MURATA-PS-ACA5-20RM Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM_10 Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20PC MURATA-PS-ACA-20PC Datasheet
1Mb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Murata Manufacturing Co...
ACA-20PC-2-AC1-RL-C MURATA-ACA-20PC-2-AC1-RL-C Datasheet
449Kb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Murata Power Solutions ...
DMS-20RM MURATA-PS-DMS-20RM Datasheet
190Kb / 4P
   True-rms ac Voltmeters with Isolated Inputs
logo
Extech Instruments Corp...
EX612 EXTECH-EX612 Datasheet
385Kb / 14P
   400Amp True RMS AC Clamp Meter
logo
List of Unclassifed Man...
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
   True-rms Electrical True-rms Contractor Multimeter
logo
Extech Instruments Corp...
382035 EXTECH-382035 Datasheet
327Kb / 1P
   50A & 100A True RMS AC Harmonics/
382400 EXTECH-382400_15 Datasheet
238Kb / 1P
   Flexible True RMS AC Current Clamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com