Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2564UC18X Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN2564UC18X
Description  300mA Low VIN LDO for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2564UC18X Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN2564UC18X Datasheet HTML 5Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 6Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 7Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 8Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 9Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 10Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 11Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 12Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2564 • Rev. 1.0.1
11
Physical Dimensions
A1
E
0.618
0.542
SEATING PLANE
0.06 C
12 X Ø0.315 +/- .025
(Ø0.35)
SOLDER MASK
OPENING
(Ø0.25)
Cu PAD
BALL A1
INDEX AREA
0.03 C
0.05 C
2X
(Y)+/-.018
(X)+/-.018
B
A
D
0.250±0.025
C
1 2
A
B
0.03 C
2X
0.005
CA B
0.50
0.50
0.330±0.013
SIDE VIEWS
0.50
0.50
D
NOTES:
A. NO JEDEC REGISTRATION APPLIES.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASMEY14.5M, 1994.
D. DATUM C, THE SEATING PLANE IS DEFINED
BY THE SPHERICAL CROWNS OF THE BALLS.
E. FOR DIMENSIONS D, E, X, AND Y SEE
PRODUCT DATASHEET.
F. DRAWING FILENAME: UC004ABrev1
BOTTOM VIEW
TOP VIEW
RECOMMENDED LAND PATTERN (NSMD)
E
E
Figure 26.
4-Bump, Wafer-Level Chip-Scale Package (WLCSP), 0.5mm Pitch
Product Specific Dimensions
Product
D
E
X
Y
FAN2564UCX
1.41 +/-0.030
0.93 +/-0.030
0.215
0.455
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


Similar Part No. - FAN2564UC18X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2564UC18X FAIRCHILD-FAN2564UC18X Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
More results

Similar Description - FAN2564UC18X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564_11 Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Shenzhen Huazhimei Semi...
HM6236 HMSEMI-HM6236 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM73XX HMSEMI-HM73XX Datasheet
1Mb / 17P
   300mA Low Power LDO
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
   300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM7325 HMSEMI-HM7325 Datasheet
1Mb / 17P
   300mA Low Power LDO
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com