Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1514KV18-333BZI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1514KV18-333BZI
Description  72-Mbit QDR-II SRAM 2-Word Burst Architecture
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1514KV18-333BZI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1514KV18-333BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1514KV18-333BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1514KV18-333BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1514KV18-333BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1514KV18-333BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1514KV18-333BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1514KV18-333BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1514KV18-333BZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1514KV18-333BZI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
CY7C1510KV18, CY7C1525KV18
CY7C1512KV18, CY7C1514KV18
Document Number: 001-00436 Rev. *E
Page 6 of 30
Pin Definitions
Pin Name
I/O
Pin Description
D[x:0]
Input-
Synchronous
Data Input Signals. Sampled on the rising edge of K and K clocks during valid write operations.
CY7C1510KV18
− D[7:0]
CY7C1525KV18
− D[8:0]
CY7C1512KV18
− D[17:0]
CY7C1514KV18
− D[35:0]
WPS
Input-
Synchronous
Write Port Select
− Active LOW. Sampled on the rising edge of the K clock. When asserted active, a
write operation is initiated. Deasserting deselects the write port. Deselecting the write port ignores D[x:0].
NWS0,
NWS1
Input-
Synchronous
Nibble Write Select 0, 1
− Active LOW (CY7C1510KV18 Only). Sampled on the rising edge of the K
and K clocks during write operations. Used to select which nibble is written into the device during the
current portion of the write operations. Nibbles not written remain unaltered.
NWS0 controls D[3:0] and NWS1 controls D[7:4].
All the Nibble Write Selects are sampled on the same edge as the data. Deselecting a Nibble Write Select
ignores the corresponding nibble of data and it is not written into the device.
BWS0,
BWS1,
BWS2,
BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2, and 3
− Active LOW. Sampled on the rising edge of the K and K clocks during
write operations. Used to select which byte is written into the device during the current portion of the write
operations. Bytes not written remain unaltered.
CY7C1525KV18
− BWS0 controls D[8:0].
CY7C1512KV18
− BWS0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1514KV18
− BWS0 controls D[8:0], BWS1 controls D[17:9], BWS2 controls D[26:18] and BWS3 controls
D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select
ignores the corresponding byte of data and it is not written into the device.
A
Input-
Synchronous
Address Inputs. Sampled on the rising edge of the K (read address) and K (write address) clocks during
active read and write operations. These address inputs are multiplexed for both read and write operations.
Internally, the device is organized as 8M x 8 (2 arrays each of 4M x 8) for CY7C1510KV18, 8M x 9
(2 arrays each of 4M x 9) for CY7C1525KV18, 4M x 18 (2 arrays each of 2M x 18) for CY7C1512KV18,
and 2M x 36 (2 arrays each of 1M x 36) for CY7C1514KV18. Therefore, only 22 address inputs are needed
to access the entire memory array of CY7C1510KV18 and CY7C1525KV18, 21 address inputs for
CY7C1512KV18, and 20 address inputs for CY7C1514KV18. These inputs are ignored when the appro-
priate port is deselected.
Q[x:0]
Output-
Synchronous
Data Output Signals. These pins drive out the requested data during a read operation. Valid data is
driven out on the rising edge of the C and C clocks during read operations, or K and K when in single
clock mode. When the read port is deselected, Q[x:0] are automatically tristated.
CY7C1510KV18
− Q[7:0]
CY7C1525KV18
− Q[8:0]
CY7C1512KV18
− Q[17:0]
CY7C1514KV18
− Q[35:0]
RPS
Input-
Synchronous
Read Port Select
− Active LOW. Sampled on the rising edge of positive input clock (K). When active, a
read operation is initiated. Deasserting deselects the read port. When deselected, the pending access is
allowed to complete and the output drivers are automatically tristated following the next rising edge of the
C clock. Each read access consists of a burst of two sequential transfers.
C
Input Clock
Positive Input Clock for Output Data. C is used in conjunction with C to clock out the read data from
the device. Use C and C together to deskew the flight times of various devices on the board back to the
controller. See Application Example on page 9 for further details.
C
Input Clock
Negative Input Clock for Output Data. C is used in conjunction with C to clock out the read data from
the device. Use C and C together to deskew the flight times of various devices on the board back to the
controller. See Application Example on page 9 for further details.
K
Input Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the device
and to drive out data through Q[x:0] when in single clock mode. All accesses are initiated on the rising
edge of K.
K
Input Clock
Negative Input Clock Input. K is used to capture synchronous inputs being presented to the device and
to drive out data through Q[x:0] when in single clock mode.
[+] Feedback


Similar Part No. - CY7C1514KV18-333BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1514KV18-333BZI CYPRESS-CY7C1514KV18-333BZI Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1514KV18-333BZI CYPRESS-CY7C1514KV18-333BZI Datasheet
920Kb / 33P
   72-Mbit QDR II SRAM 2-Word Burst Architecture Two-word burst on all accesses
CY7C1514KV18-333BZI CYPRESS-CY7C1514KV18-333BZI Datasheet
893Kb / 34P
   72-Mbit QDR짰 II SRAM Two-Word Burst Architecture
More results

Similar Description - CY7C1514KV18-333BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_07 Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_06 Datasheet
494Kb / 27P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_09 Datasheet
711Kb / 28P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18 Datasheet
369Kb / 24P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18 Datasheet
1Mb / 26P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18 Datasheet
628Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_09 Datasheet
675Kb / 29P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com