Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1526KV18-333BZI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1526KV18-333BZI
Description  72-Mbit QDR-II SRAM 4-Word Burst Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1526KV18-333BZI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1526KV18-333BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1526KV18-333BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1526KV18-333BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1526KV18-333BZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1526KV18-333BZI Datasheet HTML 10Page - Cypress Semiconductor CY7C1526KV18-333BZI Datasheet HTML 11Page - Cypress Semiconductor CY7C1526KV18-333BZI Datasheet HTML 12Page - Cypress Semiconductor CY7C1526KV18-333BZI Datasheet HTML 13Page - Cypress Semiconductor CY7C1526KV18-333BZI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
CY7C1511KV18, CY7C1526KV18
CY7C1513KV18, CY7C1515KV18
Document Number: 001-00435 Rev. *E
Page 10 of 31
Application Example
Figure 1 shows four QDR-II used in an application.
Figure 1. Application Example
Truth Table
The truth table for CY7C1511KV18, CY7C1526KV18, CY7C1513KV18, and CY7C1515KV18 follows. [2, 3, 4, 5, 6, 7]
Operation
K
RPS WPS
DQ
DQ
DQ
DQ
Write Cycle:
Load address on the rising
edge of K; input write data
on two consecutive K and
K rising edges.
L-H
H [8] L [9] D(A) at K(t + 1)
↑ D(A + 1) at K(t + 1)↑ D(A + 2) at K(t + 2)↑ D(A + 3) at K(t + 2)↑
Read Cycle:
Load address on the rising
edge of K; wait one and a
half cycle; read data on
two consecutive C and C
rising edges.
L-H
L [9]
XQ(A) at C(t + 1)
↑ Q(A + 1) at C(t + 2)↑ Q(A + 2) at C(t + 2)↑ Q(A + 3) at C(t + 3)↑
NOP: No Operation
L-H
H
H
D = X
Q = High-Z
D = X
Q = High-Z
D = X
Q = High-Z
D = X
Q = High-Z
Standby: Clock Stopped
Stopped
X
X
Previous State
Previous State
Previous State
Previous State
R = 250
ohms
Vt
R
R = 250
ohms
Vt
Vt
R
Vt = Vddq/2
R = 50
ohms
R
CC#
D
A
SRAM #4
R
P
S
#
W
P
S
#
B
W
S
#
K
ZQ
CQ/CQ#
Q
K#
CC#
D
A
K
SRAM #1
R
P
S
#
W
P
S
#
B
W
S
#
ZQ
CQ/CQ#
Q
K#
BUS
MASTER
(CPU
or
ASIC)
DATA IN
DATA OUT
Address
RPS#
WPS#
BWS#
Source K
Source K#
Delayed K
Delayed K#
CLKIN/CLKIN#
Notes
2. X = “Don't Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
3. Device powers up deselected with the outputs in a tristate condition.
4. “A” represents address location latched by the devices when transaction was initiated. A + 1, A + 2, and A +3 represents the address sequence in the burst.
5. “t” represents the cycle at which a read/write operation is started. t + 1, t + 2, and t + 3 are the first, second and third clock cycles respectively succeeding the “t” clock cycle.
6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
7. Ensure that when the clock is stopped K = K and C = C = HIGH. This is not essential, but permits most rapid restart by overcoming transmission line charging
symmetrically.
8. If this signal was LOW to initiate the previous cycle, this signal becomes a “Don’t Care” for this operation.
9. This signal was HIGH on previous K clock rise. Initiating consecutive read or write operations on consecutive K clock rises is not permitted. The device ignores the
second read or write request.
[+] Feedback


Similar Part No. - CY7C1526KV18-333BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1526KV18-333BZC CYPRESS-CY7C1526KV18-333BZC Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1526KV18-333BZC CYPRESS-CY7C1526KV18-333BZC Datasheet
807Kb / 33P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1526KV18-333BZXC CYPRESS-CY7C1526KV18-333BZXC Datasheet
807Kb / 33P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1526KV18-333BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511V18 CYPRESS-CY7C1511V18 Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1511JV18 CYPRESS-CY7C1511JV18 Datasheet
703Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C2561KV18 CYPRESS-CY7C2561KV18 Datasheet
845Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_11 Datasheet
807Kb / 33P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1511AV18 CYPRESS-CY7C1511AV18 Datasheet
709Kb / 31P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1511V18 CYPRESS-CY7C1511V18_06 Datasheet
464Kb / 28P
   72-Mbit QDR?? II SRAM 4-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com