Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2605 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2605
Description  0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2605 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2605 Datasheet HTML 1Page - Micrel Semiconductor MIC2605 Datasheet HTML 2Page - Micrel Semiconductor MIC2605 Datasheet HTML 3Page - Micrel Semiconductor MIC2605 Datasheet HTML 4Page - Micrel Semiconductor MIC2605 Datasheet HTML 5Page - Micrel Semiconductor MIC2605 Datasheet HTML 6Page - Micrel Semiconductor MIC2605 Datasheet HTML 7Page - Micrel Semiconductor MIC2605 Datasheet HTML 8Page - Micrel Semiconductor MIC2605 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC2605/6
August 2008
4
M9999-080108-B
Typical Characteristics
1.0
1.2
1.4
1.6
1.8
2.0
4
6
8
10 12 14 16 18
INPUT VOLTAGE (V)
Frequency
vs. Input Voltage
MIC2606
MIC2605
0
1
2
3
4
5
6
7
1 3 5 7 9 11 13 15 17 19
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
No Switching FB Pin @ 2V
90
91
92
93
94
95
96
97
4
6
8 10 12 14 16 18 20
INPUT VOLTAGE (V)
Max Duty Cycle
vs. Input Voltage
EN = VIN
0
100
200
300
400
500
600
700
800
900
1000
1100
4
6
8 10 12 14 16 18 20
INPUT VOLTAGE (V)
Switch Saturation Voltage
vs. Input Voltage
–50mA –0.1A –0.15A –0.2A
–0.25A –0.3A –0.35A –0.4A
–0.45A –0.5A –0.55A –0.6A
–0.65A –0.7A –0.75A –0.8A
–0.85A
0
100
200
300
400
500
600
700
800
900
1000
1100
SWITCH CURRENT (mA)
Switch Saturation Voltage
vs. Switch Current
–4.5V –5V –6V –7V –8V –9V
–10V –11V –12V –15V –20
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
4
6
8 10 12 14 16 18 20
INPUT VOLTAGE (V)
Switch Current Limit
vs. Input Voltage
EN = VIN
32.8
32.9
33.0
33.1
33.2
33.3
33.4
4
6
8
10 12 14 16 18
INPUT VOLTAGE (V)
Line Regulation
Load = 40mA
0
10
20
30
40
50
60
70
80
90
4 8 12 16 20 24 28 32 36 40
LOAD CURRENT (mA)
32VOUT Efficiency
12VIN
4.5VIN
0
10
20
30
40
50
60
70
80
90
20
40
60
80
100
120
LOAD CURRENT (mA)
32VOUT Efficiency
VIN = 12V
1.250
1.252
1.254
1.256
1.258
1.260
1.262
1.264
1.266
Feedback Voltage
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = 12V
Load = 100mA
0.70
0.75
0.80
0.85
0.90
0.95
1.00
Switch Current Limit
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = 12V
10
100
1000
VSAT
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
ISW=400mA
ISW=100mA
ISW=750mA


Similar Part No. - MIC2605

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2605 MICREL-MIC2605 Datasheet
380Kb / 14P
   0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
logo
Microchip Technology
MIC2605 MICROCHIP-MIC2605 Datasheet
2Mb / 20P
   0.5A, 1.2 MHz/2 MHz Wide Input Range Boost Regulators, Each with Integrated Switch and Schottky Diode
09/14/21
logo
Micrel Semiconductor
MIC2605YML MICREL-MIC2605YML Datasheet
380Kb / 14P
   0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
logo
Microchip Technology
MIC2605YML-TR MICROCHIP-MIC2605YML-TR Datasheet
2Mb / 20P
   0.5A, 1.2 MHz/2 MHz Wide Input Range Boost Regulators, Each with Integrated Switch and Schottky Diode
09/14/21
logo
Micrel Semiconductor
MIC2605 MICREL-MIC2605_09 Datasheet
380Kb / 14P
   0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
More results

Similar Description - MIC2605

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2605 MICREL-MIC2605_09 Datasheet
380Kb / 14P
   0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
MIC2601 MICREL-MIC2601 Datasheet
382Kb / 13P
   1.2A, 1.2MHz/2MHz Wide Input Range Integrated Switch Boost Regulator
logo
Microchip Technology
MIC2605 MICROCHIP-MIC2605 Datasheet
2Mb / 20P
   0.5A, 1.2 MHz/2 MHz Wide Input Range Boost Regulators, Each with Integrated Switch and Schottky Diode
09/14/21
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Renesas Technology Corp
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Micrel Semiconductor
MIC4724 MICREL-MIC4724 Datasheet
610Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Intersil Corporation
ISL97631 INTERSIL-ISL97631 Datasheet
331Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Texas Instruments
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com