Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEL40US08 Datasheet(PDF) 1 Page - XP Power Limited

Part # AEL40US08
Description  AC-DC Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEL40US08 Datasheet(HTML) 1 Page - XP Power Limited

  AEL40US08 Datasheet HTML 1Page - XP Power Limited AEL40US08 Datasheet HTML 2Page - XP Power Limited AEL40US08 Datasheet HTML 3Page - XP Power Limited AEL40US08 Datasheet HTML 4Page - XP Power Limited AEL40US08 Datasheet HTML 5Page - XP Power Limited AEL40US08 Datasheet HTML 6Page - XP Power Limited AEL40US08 Datasheet HTML 7Page - XP Power Limited AEL40US08 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Specification
15 Watts
CEC 2008 & EISA 2007 Compliant
Approved as LPS
China Compulsory Certfication (CCC) Qualified
High Efficiency
+70 °C Operating Temperature
Compact Dimensions
Optional Input Connector
AEL Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 0.4 A at 115 VAC
Inrush Current
• 15 A/30 A for 115 VAC/230 VAC, cold start
Earth Leakage Current
• 0.75 mA at 240 VAC
Power Factor
• Meets EN61000-3-2
Input Protection
• Fitted with internal fuse
Standby Power
• Typically 0.3 W, max 0.5 W
Consumption
Output
Output Voltage
• See tables
Minimum Load
• No minimum load required
Hold Up Time
• 5 ms min at full load 110 VAC
Start Up Delay
• 2.0 s at full load 100 VAC
Transient Response
• 2% deviation, recovery to within 1% of
nominal in 4 ms for 50% load change
Line Regulation
• See tables
Load Regulation
• See tables
Ripple & Noise
• 1% pk-pk max, 20 MHz BW. See note 3.
Short Circuit Protection • Trip & restart (Hiccup mode), auto recovery
Temperature
• ±0.04%/°C
Coefficient
xppower.com
General
Efficiency
• 85% typical
Isolation
• 3000 VAC Input to Output
1500 VAC Input to Ground
500 VDC Output to Ground
Switching Frequency
• 63 kHz typical
MTBF
• 300 kHrs to MIL-STD-217F
Environmental
Operating Temperature • 0 °C to +70 °C, derate from 100% power
at +40 °C to 50% power at +70 °C
Storage Temperature
• -40 °C to +85 °C
Cooling
• Convection cooled
Operating Humidity
• 5-95% RH, non-condensing
Operating Altitude
• 3000 m
Shock
• 10 g, 10 ms on 3 axes
Vibration
• 5-100 Hz 2.31 m/s2, 20 mins 3 axes
EMC & Safety
Emissions
• EN55022 FCC Part-15C Level B
conducted & radiated
Harmonic Current
• EN61000-3-2 Class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2 Level 3 Perf criteria A
Radiated Immunity
• EN61000-4-3 3 V/m Perf criteria A
EFT/Burst
• EN61000-4-4 Level 2 Perf criteria A
Surge
• EN61000-4-5 Level 3 Perf criteria A
Conducted Immunity
• EN61000-4-6 Level 2 Perf criteria A
Magnetic Field
• EN61000-4-8 1 A/m Perf criteria A
Dips & Interruptions
• EN61000-4-11, 70% UT for 500 ms,
40% UT for 100 ms, <5% UT for 5000 ms
Perf criteria A, B, B
Safety Approvals
• EN60950-1:2001, UL/cUL60950-1,
Approved as Limited Power Source,
CE Mark, China Compulsory Certification
(CCC) qualified.


Similar Part No. - AEL40US08

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEL40US05-L6 XPPOWER-AEL40US05-L6 Datasheet
752Kb / 6P
   AC-DC Power Supplies
More results

Similar Description - AEL40US08

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com