Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EP16V Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EP16V
Description  3.3V/5V Precision ECL Differential Receiver/Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP16V Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EP16V Datasheet HTML 1Page - Micrel Semiconductor SY100EP16V Datasheet HTML 2Page - Micrel Semiconductor SY100EP16V Datasheet HTML 3Page - Micrel Semiconductor SY100EP16V Datasheet HTML 4Page - Micrel Semiconductor SY100EP16V Datasheet HTML 5Page - Micrel Semiconductor SY100EP16V Datasheet HTML 6Page - Micrel Semiconductor SY100EP16V Datasheet HTML 7Page - Micrel Semiconductor SY100EP16V Datasheet HTML 8Page - Micrel Semiconductor SY100EP16V Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SY100EP16V
3.3V/5V Precision ECL Differential
Receiver/Driver
Precision Edge is a registered trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
December 2008
M9999-121808-A
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY100EP16V is a 3.3/5V, high-speed, fully
differential ECL Receiver/Driver that can process
clock signals as fast as 3GHz or data patterns up to
2.5Gbps.
The differential input includes an internal 75k
Ω pull-
down resistor on both the true and complement inputs
and a 37.5k
Ω pull-up resistor in the complement input
only. For AC-coupled input interface applications, an
integrated voltage reference (VBB) is provided to bias
for either single-ended use or for DC biasing when AC
coupling to the device. The VBB pin should be used
only as a bias for the SY100EP16V since its current
sink/source capability is limited. Whenever used, the
VBB pin should be bypassed to the most positive
supply voltage. The output is 800mV ECL, with fast
rise/fall times guaranteed to be less than 200ps.
When the inputs are left open, the internal input
clamps will force the Q output low.
The SY100EP16V operates from a 3.3V or 5V ±10%
supply and is guaranteed over the full industrial
temperature
range
(–40°C
to
+85°C).The
SY100EP16V is part of Micrel’s high-speed, Precision
Edge
® product line.
Datasheets and support documentation can be found
on Micrel’s web site at: www.micrel.com.
Functional Block Diagram
Precision Edge
®
Features
• Precision 800mV ECL Receiver/Driver
• 100K ECL compatible I/O
• Guaranteed AC performance over temperature and
voltage:
– DC-to > 2.5Gbps throughput
– 220ps typical propagation delay (D-to-Q)
– <200ps rise/fall times
• PECL and NECL operation capability
• PECL operating range: V
CC = 3.0V to 5.5V with
VEE = 0V
• NECL operating range: V
CC = 0V with VEE = -3.0V to
-5.5V
• 3.3V ±10% or 5.0V ±10% power supply operation
• Industrial temperature range: –40°C to +85°C
• Available in 8-pin (2mm x 2mm) MLF®, 8-pin MSOP,
and 8-pin SOIC packages
Applications
• All SONET clock and data distribution
• Fibre Channel clock and data distribution
• Gigabit Ethernet clock and data distribution
• Backplane distribution
Markets
• Storage
• ATE
• Test and measurement
• Enterprise networking equipment
• High-end servers
• Access
• Metro area network equipment


Similar Part No. - SY100EP16V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP16VS MICREL-SY100EP16VS Datasheet
475Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EP16VSKC MICREL-SY100EP16VSKC Datasheet
475Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EP16VSKCTR MICREL-SY100EP16VSKCTR Datasheet
475Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EP16VSKI MICREL-SY100EP16VSKI Datasheet
475Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EP16VSKITR MICREL-SY100EP16VSKITR Datasheet
475Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
More results

Similar Description - SY100EP16V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
logo
Micrel Semiconductor
SY10EP16UMG MICREL-SY10EP16UMG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16U MICREL-SY100EP16U Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16U MICREL-SY10EP16U Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC10EP16T ONSEMI-MC10EP16T Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16T ONSEMI-MC10EP16T_06 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com