Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY56016R Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY56016R
Description  Low Voltage 1.2V/1.8V/2.5V CML Differential Line Driver/Receiver 6.4Gbps with Equalization
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY56016R Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY56016R Datasheet HTML 1Page - Micrel Semiconductor SY56016R Datasheet HTML 2Page - Micrel Semiconductor SY56016R Datasheet HTML 3Page - Micrel Semiconductor SY56016R Datasheet HTML 4Page - Micrel Semiconductor SY56016R Datasheet HTML 5Page - Micrel Semiconductor SY56016R Datasheet HTML 6Page - Micrel Semiconductor SY56016R Datasheet HTML 7Page - Micrel Semiconductor SY56016R Datasheet HTML 8Page - Micrel Semiconductor SY56016R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
SY56016R
December 2008
3
M9999-121708-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (VCC) ................................. –0.5V to +3.0V
Supply Voltage (VCCO) ............................... –0.5V to +3.0V
VCC - VCCO ........................................................... <1.8V
VCCO - VCC ........................................................... <0.5V
Input Voltage (VIN) ......................................... –0.5V to VCC
CML Output Voltage (VOUT)................. 0.6V to VCCO+0.5V
Current (VT)
Source or sink current on VT pin .................. ±100mA
Input Current
Source or sink current on (IN, /IN) .................. ±50mA
Maximum operating Junction Temperature.............125°C
Lead Temperature (soldering, 20sec.) ....................260°C
Storage Temperature (Ts) ........................... –65°C to +150°C
Operating Ratings(2)
Supply Voltage (VCC) .................................. 2.375V to 2.625V
(VCCO) .................................... 1.14V to 2.625V
Ambient Temperature (TA) ............................–40°C to +85°C
Package Thermal Resistance
(3)
MLF
®
Still-air (
qJA).......................................................93°C/W
Junction-to-board (
yJB).....................................56°C/W
DC Electrical Characteristics(4)
TA = –40°C to +85°C, unless otherwise stated
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage Range
VCC
VCCO
VCCO
VCCO
2.375
1.14
1.7
2.375
2.5
1.2
1.8
2.5
2.625
1.26
1.9
2.625
V
V
V
V
ICC
Power Supply Current
Max. VCC
30
42
mA
ICCO
Power Supply Current
No Load. VCCO >1.7V
16
21
mA
RIN
Input Resistance
(IN-to-VT, /IN-to-VT)
45
50
55
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
VIH
Input HIGH Voltage
(IN, /IN)
1.42
VCC
V
VIL
Input LOW Voltage
(5)
(IN, /IN)
1.22V = 1.7V-0.475V
1.22
VIH–0.2
V
VIN
Input Voltage Swing
(IN, /IN)
See Figure 3a, applied to input of transmission
line.
0.2
1.0
V
VDIFF_IN
Differential Input Voltage Swing
(|IN - /IN|)
See Figure 3b, applied to input of transmission
line.
0.4
2.0
V
VT_IN
Voltage from Input to VT
1.28
V
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device's most negative potential on the PCB.
yJB and qJA values
are determined for a 4-layer board in still-air number, unless otherwise stated.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
5. 1.7V represents the VCC (min) value and 0.475V represents the maximum swing on a CML output. The difference between 1.7V and 0.475V is the
VIL (min) needed for normal operation.


Similar Part No. - SY56016R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011RMG MICREL-SY56011RMG Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011RMGTR MICREL-SY56011RMGTR Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
More results

Similar Description - SY56016R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56017R MICREL-SY56017R Datasheet
502Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
SY56023R MICREL-SY56023R Datasheet
508Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY56023R MICREL-SY56023R_12 Datasheet
499Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56216R MICREL-SY56216R Datasheet
508Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Dual Channel Buffer 4.5GHz/6.4Gbps with Equalization
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56020XR MICREL-SY56020XR Datasheet
311Kb / 10P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56028XR MICREL-SY56028XR Datasheet
349Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com