Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA5-20PC-2-DC1-RL-C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # ACA5-20PC-2-DC1-RL-C
Description  5 Amp Input LED-Display AC Ammeters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACA5-20PC-2-DC1-RL-C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  ACA5-20PC-2-DC1-RL-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACA5-20PC-2-DC1-RL-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACA5-20PC-2-DC1-RL-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACA5-20PC-2-DC1-RL-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACA5-20PC-2-DC1-RL-C Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The supply wires connected to both the meter and the load must be
fused according to the current rating of the wire gauge being used,
in accordance with applicable regulatory codes. Also, wire insulation
should be stripped to within +/–10% of the stated dimensions, and
wires should be inserted into TB1 such that their insulation is not
pinched by the screw terminal. TB1 is to be used only for powering
the meter’s internal circuitry. It must not be used to supply current to
external loads.
AC-powered models draw minimal steady-state supply currents
(50mA max.), and in most applications, they can be fused accord-
ing to the supply wire’s maximum amperage rating. However, these
models can draw significantly higher surge currents for brief periods
when the ac line voltage is initially applied.
4. AC Supply Polarity and Grounding: The two supply inputs, TB1-A
and TB1-B, on all ac-powered ACA5-20PC ammeters are not in
themselves polarity sensitive, that is, they have no internal "AC LO"
or "AC HI" designations. Also, ac-powered ACA5-20PC ammeters do
not include or require a connection to earth/chassis ground.
5. Connector Torque Ratings: It is important to tighten TB1's, screw-
terminals to their rated torque specification of 3.6 pound-inches
(0.4Nm). Proper tightening will minimize connector losses and ensure
safe, reliable operation.
6. DC-Powered Models: DC-powered models draw minimal supply cur-
rents (120mA max.) and in most applications can be fused according
to the supply wire’s maximum amperage rating. However, be sure to
check and comply with all applicable codes and regulations to ensure
proper installation and operation.
7. Isolation: The on-board CT (L1) provides a minimum 2000Vdc
isolation between the current-carrying conductor passing through its
primary circuit and the ammeter supply voltage connected to TB1.
This isolation rating only applies to applications in which the load
wiring (i.e., the wire passing through L1’s center hole) does not con-
nect directly or indirectly to TB1-A or TB1-B.
8. CT Precautions: In normal operation, a 5A current transformer’s
secondary circuit operates at a very low voltage due to its closed-
loop operation and its low burden resistance. However, a CT can still
generate potentially lethal voltages if its output current is suddenly
interrupted. For example, loose CT secondary connections can cause
a condition referred to as “inductive kick". Inductive kick can generate
extremely high voltages across intermitent secondary connections.
Therefore, implementing connections to any 5A current transform-
er’s output leads must only be performed with zero load-current,
that is, with no power applied to the load circuit.
9. CT Connections and Grounding: Some applications require
connecting one of the external 5A CT’s output leads to earth/chas-
sis ground. In the USA, consult the latest revision of the National
Electrical Code (NEC) for more information regarding CT grounding.
After all mechanical assembly is completed, connect the two output
leads of the external 5A CT to each other after they are run through
L1’s center hole. Pressure-style connectors (commonly refered to
as “wire nuts”) are acceptable as long as they are rated for the
number of conductors and voltage invloved.
10. Replacing Analog Panel Meters: ACA5-20PC ammeters can be
used as direct replacements for analog panel meters driven by
5A CT’s. All wiring operations must be performed with both the
load and the supply power sources completely de-energized.
Figure 2. Panel Installation
All connections to ACA5-20PC Series ammeters must be made after the
ammeter is securely attached to the panel and with all load and supply
voltages de-energized (off).
Care should be exercised when passing conductors through the ammeter’s
built-in CT. The installed wire positions should be such that minimal
forces are applied to the built-in CT, TB1, or to the ammeter itself. In
high-vibration environments, proper strain reliefs must be used for all
load and supply wiring.
To ensure a secure panel-mount installation, MPS recommends using the
DMS-BZL4-C bezel assembly (with sealing gasket) supplied with each
ammeter. See Mechanical Specifications for detailed cutout and ammeter
dimensions.
Following the four-step sequence shown in Figure 2 — being careful not
to apply excessive force or twisting motions — insert the ammeter into
the panel opening. When using the DMS-BZL4-C, install its sealing gas-
ket so it is positioned between the ammeter’s front flange and panel front
surface (see Mechanical Specifications). Be sure to use and securely
tighten all four screws supplied with the bezel assembly.
Step 2.
Step 3.
Step 4.
Step 1.
� � � � �
� � � � �
� � � � �
� � � � �
� � � � � �
� � � � � � � � � �
� � � � �
MPM_ACA520PC_B02 Page 3 of 5
ACA5-20PC Series
5 Amp Input LED-Display AC Ammeters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
PANEL INSTALLATION


Similar Part No. - ACA5-20PC-2-DC1-RL-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACA5-20RM MURATA-PS-ACA5-20RM Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA5-20RM-3-AC3-RL-C MURATA-PS-ACA5-20RM-3-AC3-RL-C Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA5-20RM-3-AC4-RL-C MURATA-PS-ACA5-20RM-3-AC4-RL-C Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA5-20RM-5-AC3-RL-C MURATA-PS-ACA5-20RM-5-AC3-RL-C Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA5-20RM-5-AC4-RL-C MURATA-PS-ACA5-20RM-5-AC4-RL-C Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
More results

Similar Description - ACA5-20PC-2-DC1-RL-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DCA520PC MURATA-DCA520PC Datasheet
558Kb / 6P
   50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
logo
Murata Power Solutions ...
ACA-20PC MURATA-PS-ACA-20PC Datasheet
1Mb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Murata Manufacturing Co...
ACA-20PC-2-AC1-RL-C MURATA-ACA-20PC-2-AC1-RL-C Datasheet
449Kb / 6P
   Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
Extech Instruments Corp...
38389 EXTECH-38389_15 Datasheet
274Kb / 1P
   AC and AC/DC Clamp-on Ammeters
38387 EXTECH-38387_15 Datasheet
274Kb / 1P
   AC and AC/DC Clamp-on Ammeters
38387 EXTECH-38387 Datasheet
274Kb / 1P
   AC and AC/DC Clamp-on Ammeters
logo
Murata Power Solutions ...
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM Datasheet
546Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA-20RM-ALM MURATA-PS-ACA-20RM-ALM_10 Datasheet
531Kb / 5P
   True-rms-AC Ammeters with Alarm Function
ACA5-20RM MURATA-PS-ACA5-20RM Datasheet
389Kb / 5P
   True-rms-AC Ammeters with 5A CT Inputs
ACA-20RM MURATA-PS-ACA-20RM Datasheet
649Kb / 5P
   True-RMS-AC Ammeters with Built-in CT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com