Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEP15US075 Datasheet(PDF) 4 Page - XP Power Limited

Part # AEP15US075
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEP15US075 Datasheet(HTML) 4 Page - XP Power Limited

  AEP15US075 Datasheet HTML 1Page - XP Power Limited AEP15US075 Datasheet HTML 2Page - XP Power Limited AEP15US075 Datasheet HTML 3Page - XP Power Limited AEP15US075 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04/04/05
AEP15-25
Models and Ratings
Notes
1. Initial set accuracy is at 60% full load.
2. Add a 0.1µF E.L capacitor to output for ripple & noise measurement at 20 MHz BW.
3. Line regulation measured from 100 VAC to 240 VAC, full load.
4. Load regulation measured from 60% to full load and from 60% to 20% load (60% ±40% load).
Output Voltage
Output Current
Ripple & Noise(2)
Initial Set
Accuracy(1)
Line
Regulation(3)
Load
Regulation(4)
Model
Number
5.0 V
2.00 A
1%
±2%
±1%
±4%
AEP15US05
6.0 V
1.50 A
1%
±2%
±1%
±4%
AEP15US06
7.5 V
1.60 A
1%
±2%
±1%
±4%
AEP15US075
9.0 V
1.40 A
1%
±2%
±1%
±4%
AEP15US09
12.0 V
1.00 A
1%
±2%
±1%
±4%
AEP15US12
13.6 V
1.00 A
1%
±2%
±1%
±4%
AEP15US136
15.0 V
1.00 A
1%
±2%
±1%
±4%
AEP15US15
18.0 V
0.83 A
1%
±2%
±1%
±4%
AEP15US18
24.0 V
0.63 A
1%
±2%
±1%
±4%
AEP15US24
3.3 V
4.00 A
50 mV pk-pk
±2%
±1%
±6%
AEP25US033
5.0 V
4.00 A
1%
±2%
±1%
±6%
AEP25US05
12.0 V
2.10 A
1%
±2%
±1%
±5%
AEP25US12
15.0 V
1.67 A
1%
±2%
±1%
±3%
AEP25US15
18.0 V
1.40 A
1%
±2%
±1%
±2%
AEP25US18
24.0 V
1.05 A
1%
±2%
±1%
±2%
AEP25US24
Mechanical Details 25 Watt Models
3.19
(81.0)
2.20
(56.0)
3.19
(81.0)
3.19
(81.0)
70.87 ±1.97
(1800.0 ±50.0)
1.89
(48.0)
3.19
(81.0)
2.20
(56.0)
70.87 ±1.97
(1800.0 ±50.0)
1.89
(48.0)
3.19
(81.0)
2.20
(56.0)
3.19
(81.0)
3.19
(81.0)
3.19
(81.0)
2.20
(56.0)
70.87 ±1.97
(1800.0 ±50.0)
1.89
(48.0)
70.87 ±1.97
(1800.0 ±50.0)
1.89
(48.0)
All dimensions are in inches (mm)
For 15 Watt model mechanical details see 6 Watt model
Weight: 0.485 lb (220 g)
Output Plug: 0.22 x 0.10 x 0.37 (5.5 x 2.5 x 9.5)
To order US add suffix’-US’ to model number
To order European add suffix’-EU’ to model number
To order Australian add suffix’-AU’ to model number
To order UK add suffix’-UK’ to model number


Similar Part No. - AEP15US075

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AEP15012 PANASONIC-AEP15012 Datasheet
230Kb / 8P
   HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
AEP15024 PANASONIC-AEP15024 Datasheet
230Kb / 8P
   HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
More results

Similar Description - AEP15US075

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com