Electronic Components Datasheet Search |
|
AEH80US36 Datasheet(PDF) 4 Page - XP Power Limited |
|
AEH80US36 Datasheet(HTML) 4 Page - XP Power Limited |
4 / 4 page 17-Apr-07 AEH130 Models and Ratings Mechanical Details Notes Output Power Max Output 1(1,2) Output 2(1,2) Model Number Voltage Nom. Current Total Regulation Voltage Nom. Current Total Regulation Min Max Min Max 90 W 3.3 V 0.0 A 27.2 A 7% AEH130PS3V3 115 W 5.0 V 0.0 A 23.0 A 7% AEH130PS05 130 W 7.0 V 0.0 A 18.5 A 7% AEH130PS07 130 W 9.0 V 0.0 A 14.4 A 5% AEH130PS09 130 W 12.0 V 0.0 A 10.8 A 5% AEH130PS12 130 W 15.0 V 0.0 A 8.6 A 5% AEH130PS15 130 W 18.0 V 0.0 A 7.2 A 5% AEH130PS18 130 W 24.0 V 0.0 A 5.4 A 5% AEH130PS24 130 W 28.0 V 0.0 A 4.6 A 5% AEH130PS28 130 W 36.0 V 0.0 A 3.6 A 5% AEH130PS36 130 W 48.0 V 0.0 A 2.7 A 3% AEH130PS48 130 W 54.0 V 0.0 A 2.4 A 3% AEH130PS54 90 W +3.3 V 4.0 A 20.0 A 10% +12.0 V 0.2 A 2.0 A 5% AEH130PD01 120 W +5.0 V 4.0 A 20.0 A 7% +12.0 V 0.2 A 2.0 A 5% AEH130PD02 120 W +5.0 V 4.0 A 20.0 A 7% +15.0 V 0.2 A 2.0 A 5% AEH130PD03 120 W +5.0 V 4.0 A 20.0 A 7% +24.0 V 0.2 A 2.0 A 5% AEH130PD04 1. Factory-set non-standard outputs available in single output versions. 2. Total regulation includes initial set accuracy, line and load regulation. 7.71 (196.0) ±1.0 3.46 (88.0) 0.85 (21.5) 1.14 (29.0) AC Input IEC 320-C14 Inlet 3 1 2 5 8 7 6 4 PIN CONNECTIONS Pin SINGLE DUAL Shell GND GND 1 Common Common 2 Common Output 2 3 Output Output 1 4 Common Output 2 5 Output Output 1 6 Common Common 7 Output Output 1 8 Output Common 1. Dimensions shown in inches (mm). 2. Tolerance 0.02 (0.5) max. 3. Output cable length is 48” (1220mm) approx. 4. Optional output connectors available. Contact sales office. 5. Weight 1.9 lb (860 g) approx. 6. For UK mains lead order part: UK-MAINS-IEC, For European mains lead order part: EU-MAINS-IEC. Notes |
Similar Part No. - AEH80US36 |
|
Similar Description - AEH80US36 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |