Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT151-500L Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BT151-500L
Description  SCR, 12 A, 5mA, 500 V, SOT78
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT151-500L Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BT151-500L Datasheet HTML 3Page - NXP Semiconductors BT151-500L Datasheet HTML 4Page - NXP Semiconductors BT151-500L Datasheet HTML 5Page - NXP Semiconductors BT151-500L Datasheet HTML 6Page - NXP Semiconductors BT151-500L Datasheet HTML 7Page - NXP Semiconductors BT151-500L Datasheet HTML 8Page - NXP Semiconductors BT151-500L Datasheet HTML 9Page - NXP Semiconductors BT151-500L Datasheet HTML 10Page - NXP Semiconductors BT151-500L Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
BT151-500L_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 March 2009
7 of 11
NXP Semiconductors
BT151-500L
SCR, 12 A, 5mA, 500 V, SOT78
Fig 9.
Normalized latching current as a function of
junction temperature
Fig 10. Normalized holding current as a function of
junction temperature
Fig 11. On-state current as a function of on-state
voltage
Fig 12. Normalized gate trigger voltage as a function of
junction temperature
Tj (°C)
−50
150
100
050
001aaa951
1
2
3
0
IL
IL(25°C)
Tj (°C)
−50
150
100
050
001aaa950
1
2
3
IH
IH(25°C)
0
VT (V)
02
1.5
0.5
1
001aaa959
10
20
30
IT
(A)
0
(3)
(2)
(1)
Tj (°C)
−50
150
100
050
001aaa953
0.8
1.2
1.6
0.4
VGT
VGT(25°C)


Similar Part No. - BT151-500L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151-500L NXP-BT151-500L Datasheet
161Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
logo
WeEn Semiconductors
BT151-500L WEEN-BT151-500L Datasheet
217Kb / 12P
   SCR
More results

Similar Description - BT151-500L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151-500L NXP-BT151-500L Datasheet
161Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500R NXP-BT151-500R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500RT NXP-BT151-500RT Datasheet
166Kb / 11P
   SCR, 12 A, 15 mA, 500 V, SOT78
Rev. 01-18 May 2009
BT151-800R NXP-BT151-800R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 800 V, SOT78
Rev. 05-2 March 2009
BT151-650R NXP-BT151-650R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 650 V, SOT78
Rev. 05-27 February 2009
BT152-500RT NXP-BT152-500RT Datasheet
177Kb / 11P
   SCR, 20 A, 32 mA, 500 V, SOT78
Rev. 01-12 May 2009
BT151-650L NXP-BT151-650L Datasheet
161Kb / 11P
   SCR, 12 A, 5 mA, 650 V, SOT78
Rev. 05-2 March 2009
logo
STMicroelectronics
TYN612M STMICROELECTRONICS-TYN612M_07 Datasheet
108Kb / 8P
   12 A SCR
logo
Kersemi Electronic Co.,...
TYN612M KERSEMI-TYN612M Datasheet
458Kb / 7P
   12 A SCR
TN1205T-600B KERSEMI-TN1205T-600B Datasheet
541Kb / 7P
   12 A SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com