Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2005A-2YM5 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2005A-2YM5
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2005A-2YM5 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2005A-2YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC2005A-2YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC2005A-2YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC2005A-2YM5 Datasheet HTML 9Page - Micrel Semiconductor MIC2005A-2YM5 Datasheet HTML 10Page - Micrel Semiconductor MIC2005A-2YM5 Datasheet HTML 11Page - Micrel Semiconductor MIC2005A-2YM5 Datasheet HTML 12Page - Micrel Semiconductor MIC2005A-2YM5 Datasheet HTML 13Page - Micrel Semiconductor MIC2005A-2YM5 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Micrel, Inc.
MIC20XX Family
January 2009
10
M9999-012109-A
Absolute Maximum Ratings
(1)
VIN, VOUT.................................................. –0.3V to 6V
All other pins ............................................ –0.3V to 5.5V
Power Dissipation (PD) .......................Internally Limited
Continuous Output Current...................................2.25A
Continuous Output Current (MIC2005A) ................0.9A
Maximum Junction Temperature (TJ) .................. 150°C
Storage Temperature (Ts)...................–65°C to +150°C
Operating Ratings
(2)
Supply Voltage ..............................................2.5V to 5.5V
Continuous Output Current Range...................0A to 2.1A
Ambient Temperature Range (TA)............ –40°C to+85°C
Package Thermal Resistance
(3)
SOT-23-5/6 (
θJA) .......................................... 230ºC/W
2mm x 2mm MLF-6 (
θJA)................................ 90ºC/W
2mm x 2mm MLF-6 (
θJC) ............................... 45ºC/W
Electrical Characteristics
(4)
VIN = 5V, TA = 25°C unless otherwise specified. Bold indicates –40°C to +85°C limits; CIN = 1µF.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Switch Input Voltage
2.5
5.5
V
Switch = OFF
VEN = 0V
1
5
µA
Internal Supply Current
All except:
MIC2005-X.XLYM5
MIC2005A
Switch = ON, IOUT = 0A
VEN = 1.5V
80
330
µA
Switch = OFF
VEN = 1.5V
8
15
µA
Internal Supply Current
MIC2005-X.XLYM5
Switch = ON, IOUT = 0A
VEN = 0V
80
300
µA
Switch = OFF
MIC2005A-1, VEN = 0V
1
5
µA
Switch = OFF
MIC2005A-2, VEN = 1.5V
8
15
µA
IIN
Internal Supply Current
MIC2005A
Switch = ON
MIC2005A-1, VEN = 1.5V
MIC2005A-2, VEN = 0V
80
300
µA
ILEAK
Output Leakage Current
Switch = OFF, VOUT = 0V
Active Low; ENABLE = 1.5V
Active High; ENABLE = 0V
12
100
µA
IEN
Enable Input Current
0V ≤ VEN ≤ 5V
1
5
µA
ICSLEW
CSLEW Input Current
0V ≤ VOUT ≤ 0.8VIN
0.175
µA
70
100
Power Switch Resistance
All except MIC2005A
VIN = 5V, IOUT = 100mA
125
170
220
RDS(ON)
Power Switch Resistance
Only MIC2005A
VIN = 5V, IOUT = 100mA
275
mΩ
RDSCHG
Load Discharge Resistance
MIC20X4 & MIC20X7
VIN = 5V, ISINK = 5mA
70
126
200
MIC20XX-0.5, VOUT = 0.8 * VIN
0.5
0.7
0.9
MIC20XX-0.8, VOUT = 0.8 * VIN
0.8
1.1
1.5
ILIMIT
Fixed Current Limit
MIC20X3 – MIC20X6
MIC20XX-1.2, VOUT = 0.8 * VIN
1.2
1.6
2.1
A


Similar Part No. - MIC2005A-2YM5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2005A-2YM5-TR MICROCHIP-MIC2005A-2YM5-TR Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results

Similar Description - MIC2005A-2YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
   Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAGEVB ONSEMI-NCP380HMUAJAGEVB Datasheet
627Kb / 23P
   Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com