Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ACT08 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ACT08
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ACT08 Datasheet(HTML) 1 Page - Texas Instruments

  SN54ACT08 Datasheet HTML 1Page - Texas Instruments SN54ACT08 Datasheet HTML 2Page - Texas Instruments SN54ACT08 Datasheet HTML 3Page - Texas Instruments SN54ACT08 Datasheet HTML 4Page - Texas Instruments SN54ACT08 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN54ACT08, SN74ACT08
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SCAS535A – SEPTEMBER 1995 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D EPIC ™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D Package Options Include Plastic
Small-Outline (D), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, Ceramic Chip Carriers (FK) and
Flatpacks (W), and Standard Plastic (N) and
Ceramic (J) DIPS
description
The ’ACT08 are quadruple 2-input positive-AND
gates. These devices perform the Boolean
functions Y = A
 B or Y = A + B in positive logic.
The SN54ACT08 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74ACT08 is characterized for
operation from – 40
°C to 85°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
H
H
H
L
XL
X
L
L
logic symbol
logic diagram, each gate (positive logic)
1
1A
2
1B
1Y
3
4
2A
2Y
6
3Y
8
&
5
2B
9
3A
10
3B
12
4A
13
4B
Y
A
B
4Y
11
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, DB, J, N, PW, and W packages.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54ACT08 ... J OR W PACKAGE
SN74ACT08 ... D, DB, N, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54ACT08 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - SN54ACT08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT08 TI-SN54ACT08 Datasheet
512Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08 Datasheet
664Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08 Datasheet
692Kb / 17P
[Old version datasheet]   QUADROPLE 2-INPUT POSITIVE - AND GATES
SN54ACT08 TI-SN54ACT08 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_03 Datasheet
692Kb / 17P
[Old version datasheet]   QUADROPLE 2-INPUT POSITIVE - AND GATES
More results

Similar Description - SN54ACT08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com