Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4777CZ38 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # IP4777CZ38
Description  DVI and HDMI interface ESD protection, DDC buffering, hot plug control and backdrive protection
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IP4777CZ38 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button IP4777CZ38 Datasheet HTML 3Page - NXP Semiconductors IP4777CZ38 Datasheet HTML 4Page - NXP Semiconductors IP4777CZ38 Datasheet HTML 5Page - NXP Semiconductors IP4777CZ38 Datasheet HTML 6Page - NXP Semiconductors IP4777CZ38 Datasheet HTML 7Page - NXP Semiconductors IP4777CZ38 Datasheet HTML 8Page - NXP Semiconductors IP4777CZ38 Datasheet HTML 9Page - NXP Semiconductors IP4777CZ38 Datasheet HTML 10Page - NXP Semiconductors IP4777CZ38 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
IP4777CZ38_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 February 2009
7 of 25
NXP Semiconductors
IP4777CZ38
DVI and HDMI interface ESD protection
8.
Static characteristics
[1]
This parameter is guaranteed by design.
Table 4.
TMDS protection circuit
Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Zener diode
VBRzd
Zener diode breakdown
voltage
I = 1 mA
6
-
9
V
Rdyn
dynamic resistance
I = 1 A; IEC 61000-4-5/9
positive transient
-
2.4
-
negative transient
-
1.3
-
Protection diode
Ibck
back current
from pins TMDS_x to pin TMDS_BIAS;
VCC(5V0) =0V; VCC(3V3) =0V
-
0.1
1
µA
IL(r)
reverse leakage current
VI = 3.0 V
-
1
-
µA
VF
forward voltage
-
0.7
-
V
VCL(ch)trt(pos)
positive transient channel
clamping voltage
VESD = 8 kV per IEC 61000-4-2;
voltage 30 ns after trigger
-8
-V
TMDS channel: pins TMDS_x
Cch(TMDS)
TMDS channel capacitance
VCC(5V0) = 5 V; f = 1 MHz; Vbias = 2.5 V
[1] -
0.7
-
pF
∆Cch(TMDS)
TMDS channel capacitance
difference
VCC(5V0) = 5 V; f = 1 MHz; Vbias = 2.5 V
[1] -
0.05
-
pF
Cch(mutual)
mutual channel capacitance
between signal pin TMDS_x and
pin n.c.; VCC(5V0) = 0 V; f = 1 MHz;
Vbias = 2.5 V
[1] -
0.07
-
pF
Table 5.
DDC circuit
VCC(3V3) = 2.7 V to 5.5 V; VCC(5V0) = 4.5 V to 5.5 V; GND = 0 V; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ Max
Unit
Supplies: pins VCC(5V0) and VCC(3V3)
VCC(5V0)
supply voltage (5.0 V)
connector side
4.5
5.0
5.5
V
VCC(3V3)
supply voltage (3.3 V)
board side
2.7
3.3
5.5
V
ICC(5V0)
supply current (5.0 V)
VCC(5V0) = 5.5 V;
both channels HIGH:
DDC_DAT_OUT = VCC(5V0);
DDC_CLK_OUT = VCC(5V0)
-
1.4
2.5
mA
VCC(5V0) = 5.5 V;
both channels LOW:
DDC_DAT_IN = GND;
DDC_CLK_IN = GND;
DDC_DAT_OUT = open;
DDC_CLK_OUT = open
-
1.4
2.5
mA
ICC(3V3)
supply current (3.3 V)
no pull-up resistor
connected to VCC(3V3)
-
-
0.1
µA


Similar Part No. - IP4777CZ38

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4770CZ16 PHILIPS-IP4770CZ16 Datasheet
66Kb / 11P
   VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
IP4770CZ16 NXP-IP4770CZ16 Datasheet
73Kb / 11P
   VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
IP4771CZ16 PHILIPS-IP4771CZ16 Datasheet
66Kb / 11P
   VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
IP4771CZ16 NXP-IP4771CZ16 Datasheet
73Kb / 11P
   VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
IP4772CZ16 PHILIPS-IP4772CZ16 Datasheet
66Kb / 11P
   VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
More results

Similar Description - IP4777CZ38

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4787CZ32 NEXPERIA-IP4787CZ32 Datasheet
1Mb / 36P
   DVI and HDMI interface ESD protection, DDC/CEC buffering, hot plug handling and backdrive protection
IP4786CZ32S NEXPERIA-IP4786CZ32S Datasheet
1Mb / 36P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
logo
NXP Semiconductors
IP4788CZ32 NXP-IP4788CZ32_14 Datasheet
1Mb / 33P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
Rev. 2-24 November 2014
IP4778CZ38 NXP-IP4778CZ38 Datasheet
153Kb / 26P
   HDMI ESD protection, DDC buffering and hot plug control
Rev. 02-12 February 2009
IP4786CZ32 NXP-IP4786CZ32 Datasheet
1Mb / 35P
   DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug
Rev. 1-15 April 2011
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
IP4776CZ38 NXP-IP4776CZ38 Datasheet
114Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 04-12 June 2007
IP4776CZ38 NXP-IP4776CZ38_11 Datasheet
167Kb / 15P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 6-7 January 2011
IP4776CZ38 PHILIPS-IP4776CZ38 Datasheet
104Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 02-18 September 2006
logo
Infineon Technologies A...
BGF128 INFINEON-BGF128 Datasheet
558Kb / 6P
   HDMI Interface ESD Protection
V2.1, April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com