Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1768 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC1768
Description  32-bit ARM Cortex-M3 microcontroller up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1768 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC1768 Datasheet HTML 1Page - NXP Semiconductors LPC1768 Datasheet HTML 2Page - NXP Semiconductors LPC1768 Datasheet HTML 3Page - NXP Semiconductors LPC1768 Datasheet HTML 4Page - NXP Semiconductors LPC1768 Datasheet HTML 5Page - NXP Semiconductors LPC1768 Datasheet HTML 6Page - NXP Semiconductors LPC1768 Datasheet HTML 7Page - NXP Semiconductors LPC1768 Datasheet HTML 8Page - NXP Semiconductors LPC1768 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
LPC1768_66_65_64_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 11 February 2009
4 of 72
NXP Semiconductors
LPC1768/66/65/64
32-bit ARM Cortex-M3 microcontroller
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC1768FBD100
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1
LPC1766FBD100
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1
LPC1765FBD100
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1
LPC1764FBD100
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1
Table 2.
Ordering options
Type number
Flash
Total
SRAM
Ethernet
USB
CAN
I2S
DAC
Package
Sampling
LPC1768FBD100
512 kB
64 kB
yes
Device/
Host/OTG
2
yes
yes
100 pins
Q2 2009
LPC1766FBD100
256 kB
64 kB
yes
Device/
Host/OTG
2
yes
yes
100 pins
Q1 2009
LPC1765FBD100
256 kB
64 kB
no
Device/
Host/OTG
2
yes
yes
100 pins
Q1 2009
LPC1764FBD100
128 kB
32 kB
yes
Device
only
2
no
no
100 pins
Q1 2009


Similar Part No. - LPC1768

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1768 NXP-LPC1768 Datasheet
1Mb / 66P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-1 February 2010
LPC1768 NXP-LPC1768 Datasheet
144Kb / 2P
   Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
LPC1768 NXP-LPC1768 Datasheet
762Kb / 79P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
LPC1768 NXP-LPC1768 Datasheet
1Mb / 65P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 03-19 November 2009
LPC1768 NXP-LPC1768 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
More results

Similar Description - LPC1768

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1768FBD100551 PHILIPS-LPC1768FBD100551 Datasheet
828Kb / 82P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9-10 August 2012
LPC1768 NXP-LPC1768 Datasheet
1Mb / 65P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 03-19 November 2009
LPC1763FBD100551 PHILIPS-LPC1763FBD100551 Datasheet
918Kb / 86P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9.3-8 January 2014
LPC1769 NXP-LPC1769 Datasheet
1Mb / 66P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-1 February 2010
LPC1758 PHILIPS-LPC1758 Datasheet
299Kb / 71P
   32-bit ARM Cortex-M3 MCU up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 02-11 February 2009
LPC1759 NXP-LPC1759_11 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 7-29 March 2011
LPC1759 NXP-LPC1759 Datasheet
957Kb / 64P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-26 January 2010
LPC1759 PHILIPS-LPC1759_15 Datasheet
1,013Kb / 80P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 8.6-18 August 2015
LPC1788 NXP-LPC1788 Datasheet
1Mb / 117P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
Rev. 2-27 May 2011
LPC1769 NXP-LPC1769_11 Datasheet
762Kb / 79P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com