Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2006-0.5YM6 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2006-0.5YM6
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2006-0.5YM6 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2006-0.5YM6 Datasheet HTML 1Page - Micrel Semiconductor MIC2006-0.5YM6 Datasheet HTML 2Page - Micrel Semiconductor MIC2006-0.5YM6 Datasheet HTML 3Page - Micrel Semiconductor MIC2006-0.5YM6 Datasheet HTML 4Page - Micrel Semiconductor MIC2006-0.5YM6 Datasheet HTML 5Page - Micrel Semiconductor MIC2006-0.5YM6 Datasheet HTML 6Page - Micrel Semiconductor MIC2006-0.5YM6 Datasheet HTML 7Page - Micrel Semiconductor MIC2006-0.5YM6 Datasheet HTML 8Page - Micrel Semiconductor MIC2006-0.5YM6 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Micrel, Inc.
MIC20XX Family
January 2009
4
M9999-012109-A
Ordering Information (continued)
MIC2006/2016
Part Number
(1)
Marking
(2)
Current Limit
Kickstart
Package
MIC2006-0.5YM6
FG05
0.5A
MIC2006-0.8YM6
FG08
0.8A
MIC2006-1.2YM6
FG12
1.2A
6-Pin SOT-23
MIC2006-0.5YML
G05
0.5A
MIC2006-0.8YML
G08
0.8A
MIC2006-1.2YML
G12
1.2A
No
6-Pin 2mm x 2mm MLF
®
MIC2016-0.5YM6
FP05
0.5A
MIC2016-0.8YM6
FP08
0.8A
MIC2016-1.2YM6
FP12
1.2A
6-Pin SOT-23
MIC2016-0.5YML
P05
0.5A
MIC2016-0.8YML
P09
0.8A
MIC2016-1.2YML
P12
1.2A
Yes
6-Pin 2mm x 2mm MLF
®
Notes
:
1. All MIC20XX Family parts are RoHS compliant lead free.
2. Over/Under-bar symbol (
¯ / _ ) may not be to scale. On the package the over/under symbol begins above/below the first character of
the marking.


Similar Part No. - MIC2006-0.5YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2006-0.5YM6 MICREL-MIC2006-0.5YM6 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC2006-0.5YM6-TR MICROCHIP-MIC2006-0.5YM6-TR Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results

Similar Description - MIC2006-0.5YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
   Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAGEVB ONSEMI-NCP380HMUAJAGEVB Datasheet
627Kb / 23P
   Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com