Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC-318A Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # ADC-318A
Description  8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-318A Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  ADC-318A Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-318A Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-318A Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-318A Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-318A Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-318A Datasheet HTML 6Page - Murata Power Solutions Inc. ADC-318A Datasheet HTML 7Page - Murata Power Solutions Inc. ADC-318A Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Figure 2-3: A/D Clock Input Connection
Figure 2-4: Digital Input/Output Connections
SIGNAL
DIGITAL OUTPUT CODE (A,B OUTPUT)
INPUT
INV=1
INV=0
VOLTAGE
LSB
MSB
LSB
MSB
VRT
11111111
00000000
VRM2
10000000
01111111
01111111
10000000
VRB
00000000
11111111
Table 4: Digital Output Coding
DIGITAL INPUT
SUPPLY
LEVEL
–DVS
DGND3
VOLTAGES
TTL
0V
+5V
+5V
PECL
0V
+5V
+5V
ECL
–5V
0V
±5V
Table 3: Logic Input Level vs. Power Supply Settings
the reference input voltages given to VRT and VRB. Keep
the ranges of V within values shown in this data sheet.
Standard settings are VRT = +4.0V, V input range from
+2 to +4V. This setting can be varied to VRT = +3.5V,
VRB = +2V and 1.5V p-p analog input range, depending
on your selection of amplifiers which may provide less
than +4V output.
5. The ADC-318 and ADC-318A have resistor matrix taps at
VRM1 (pin 4), VRM2 (pin 7) and VRM3 (pin 9). These pins
provide ¼, ½ and ¾ full scale of VRT-VRB voltage respec-
tively. These outputs may be used to adjust the integral
non-linearity. Bypass these pins to GND with 0.1uF ceramic
chip capacitors.
6. A/D CLK input and RSET/RSET inputs are TTL or ECL,
PECL (Positive ECL) compatible. Pins are provided indi-
vidually. TTL or PECL is available with +5V single power
applied. ECL is available with ±5V dual power applied. The
connections of –DVs (pin 1) and DGND3 (pin12) are differ-
ent depending on the power supply mode used. Refer to
Figures 2-1 and 2-2.
a. For +5V single power (TTL or PECL) –DVs (pin 1) is
connected to DGND. DGND3 (pin 12) is connected
to +5V power.
b. For ±5V dual power (ECL) –DVs (pin 1) is connected
to –5V power. DGND3 (pin 12) is connected to DGND.
7. When the A/D CLK is driven with ECL or PECL, A/D CLK
(pin 13) and A/D CLK (pin 14) are to be driven by differen-
tial logic inputs to avoid unstable performance at critically
high speeds. If a risk of unstable performance is accept-
able, single logic input can be used opening A/D CLK (pin
14). The A/D CLK pin should be bypassed to DGND with a
0.1uF ceramic capacitor. When connected this way there
will be a voltage of DGND –1.2V on the A/D CLK pin. This
voltage can not be used as a threshold voltage for ECL
or PECL. Input the A/D CLK pulse to pin 15 when TTL is
selected.
8. The ADC-318 and ADC-318A have RSET/RSET input pins.
An internal frequency half divider can be initialized with
inputs to these pins. With ECL or PECL, differential inputs
are given to RSET (pin 48) and RSET (pin 47). This function
can be achieved with a single input, leaving pin 47 open
and bypassing to DGND with a 0.1uF ceramic chip capaci-
tor. The voltage level of pin 47 is the threshold voltage of
ECL or PECL. Use RSET (pin 46) for TTL.
9. SELECT (pin 45) is used to set output mode. Connection
of this pin to DGND selects the straight output mode and
connection to +DVs selects the 1:2 de-multiplexed out-
put mode. The maximum sampling rates are 100MHz for
straight mode (For both models, ADC-318 and ADC-318A)
and 120MHz (ADC-318) and 140MHz (ADC-318A) for de-
multiplexed mode. Refer to figure 2-4. There is an applica-
tion where a multiple number of ADC-318/318A's are used
with a common A/D CLK and outputs are in de-multiplexed
mode. In this case, the initial conditions of the frequency half
divider of each A/D Converter are not synchronized and it is
possible that each converter may have one clock maximum
of timing lag. This lag can be avoided by giving a common
RSET pulse to all converters at power ON. (See Figure 3-3
and 3-4, timing diagrams.)
10.The ADC-318 and ADC-318A have a TTL compatible CLK
OUT (pin 43). Since the rising edge of this pulse can provide
Setup and Hold time of output data, regardless of the output
mode, this signal can be used as synchronization pulse
for external circuits. Data output timing is different for the
straight mode and the de-multiplexed mode. See the timing
chart Figure 3.
11. INV (pin 44) is used to invert polarity of the TTL compatible
output data from both A and B ports. Leaving this pin open
or connected to +DVs makes the output positive true and
connection to DGND makes it negative true logic. See
input/output code table, Table 4.
ADC-318, ADC-318A
8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
MDA_ADC-318.B01 Page 4 of 8
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Similar Part No. - ADC-318A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-318A ETC-ADC-318A Datasheet
285Kb / 8P
   8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
More results

Similar Description - ADC-318A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-318 ETC-ADC-318 Datasheet
285Kb / 8P
   8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
Sony Corporation
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com