Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC-321 Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # ADC-321
Description  8-Bit, 50MHz Video A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-321 Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  ADC-321 Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 6Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 7Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Figure 5: Typical Performance Curves
Ambient Temperature (°C)
10
0.1
0.01
1
0
–1
Ambient Temperature vs.
Sampling Delay
FS = 50MHz
AVS = DVS = 5V
–1
–2
Analog Input Bandwidth
50
40
30
Analog Input Frequency vs.
S/N + THD, Effective Bit
FS = 50MHz
AVS = DVS = 5V
VIN = 2Vp-p
TA = 25°C
FS = 50MHz
Sine wave 1Vp-p input
AVS = DVS +5V
TA = 25°C
–20
0
+25
+50
+75
0.1
10
100
Analog Input Frequency (MHz)
0.1
0
–3
8
7
6
5
Analog Input Frequency (MHz)
1
–20
0
+25
+50
+75
50
40
30
Analog Input Frequency
vs. FSDR
10
8
Ambient Temperature vs.
Output Data Delay
FS = 50MHz
AVS = DVS +5V
CL = 15pF
Ambient Temperature (°C)
12
6
60
10
0.1
0.01
Analog Input Frequency (MHz)
1
FS = 50MHz
AVS = DVS = 5V
VIN = 2Vp-p
TA = 25°C
tplh
tphl
–20
0
+25
+50
+75
10
8
Ambient Temperature vs.
Output Data Delay
FS = 50MHz
AVS = DVS +5V
CL = 15pF
Ambient Temperature (°C)
12
6
tplh
tphl
5
101520
25
10
8
Load Capacitance vs.
Output Data Delay
FS = 10MHz
AVS = +5V
DVS = +3.3V
TA = 25°C
14
6
tplh
tphl
3
3.5
4.5
5
5.5
10
8
Ambient Temperature vs.
Output Data Delay
Ambient Temperature (°C)
12
6
tplh
tphl
–20
0
+25
+50
+75
10
8
Load Capacitance vs.
Output Data Delay
FS = 50MHz
AVS = DVS +5V
CL = 15pF
Load Capacitance (pF)
12
6
tplh
tphl
12
0
Load Capacitance (pF)
FS = 10MHz
+AVS = +5V
TA = 25°C
26
25
24
–20
0
+25
+50
+75
Ambient Temperature vs.
Supply Current
FS = 50MHz
AVS = DVS = +5V
Ambient Temperature (°C)
27
25
23
4.75
5
5.25
Supply Voltage vs.
Supply Current
Supply Voltage (V)
25
20
15
10
20
30
40
50
Sampling Rate vs.
Supply Current
AVS = DVS = +5V
Sampling Frequency (MHz)
FS = 50MHz
AVS = DVS
TA = 25°C
5.25
5
4.75
35
30
25
0.1
1
10
25
Input Frequency vs.
Supply Current
FS = 50MHz
Sine wave 1.9Vp-p
AVS = DVS = +5V
TA = 25°C
Input Frequency (MHz)
70
65
60
–20
25
75
Ambient Temperature vs.
Max. Sampling Rate
Ambient Temperature (°C)
67
65
63
Supply Voltage vs.
Sampling Rate
AVS = DVS
Supply Voltage (V)
FS = 50MHz
fin = 1kHz, triangular wave input
AVS = DVS +5V
0.01
050
ADC-321
8-Bit, 50MHz Video A/D Converter
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDA_ADC-321.B01 Page 7 of 8


Similar Part No. - ADC-321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
More results

Similar Description - ADC-321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
AH8308E ETC1-AH8308E Datasheet
674Kb / 8P
   8-bit composite video d/a converter
logo
Analog Devices
AD9048TQ-883B AD-AD9048TQ-883B Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
AD9048 AD-AD9048_15 Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Fujitsu Component Limit...
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com