Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9984A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9984A
Description  HDMI 1.3 transmitter with 1080p upscaler embedded
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9984A Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9984A Datasheet HTML 1Page - NXP Semiconductors TDA9984A Datasheet HTML 2Page - NXP Semiconductors TDA9984A Datasheet HTML 3Page - NXP Semiconductors TDA9984A Datasheet HTML 4Page - NXP Semiconductors TDA9984A Datasheet HTML 5Page - NXP Semiconductors TDA9984A Datasheet HTML 6Page - NXP Semiconductors TDA9984A Datasheet HTML 7Page - NXP Semiconductors TDA9984A Datasheet HTML 8Page - NXP Semiconductors TDA9984A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TDA9984A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2009
2 of 40
NXP Semiconductors
TDA9984A
HDMI 1.3 transmitter with 1080p upscaler embedded
I Programmable color space converter allows to input RGB video data and to output
RGB or YCbCr 4:2:2 HDMI video data, or to input YCbCr video data and to output
RGB or YCbCr 4:2:2 HDMI video data; converter can be passed
I Upscaler allows creating a 1080p output from a standard definition input by using
intelligent edge interpolation
I Repetition of video samples as required by the HDMI standard
I Insertion of HDMI additional information such as InfoFrames
I Color gamut metadata packet transmission (xvYCC)
I Downstream availability using hot plug detection (HPD input) and receiver detection
(RxSense circuit)
I Master DDC-bus interface
I Deals with multiple levels of HDCP receivers and repeaters
I Internal SHA-1 calculation
I Controllable via I2C-bus
I Low power dissipation
I 1.8 V and 3.3 V power supplies
I Power-down mode
I Hard reset
I Pin-to-pin compatible with TDA9983A/B and TDA9981A/B
I Software compatible with TDA9983A/B and TDA9981A/B
3.
Applications
I Set-top box
I DVD player
I DVD recorder
I AV receiver
I Home theater
I Digital video camera
I Digital still camera
I Personal video recorder
I Media center PCs, graphic cards
I Switches


Similar Part No. - TDA9984A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9984A NXP-TDA9984A Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
TDA9984AHW NXP-TDA9984AHW Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
More results

Similar Description - TDA9984A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9984A NXP-TDA9984A Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
logo
Analog Devices
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
Tripp Lite. All Rights ...
P142-06N-SC4K TRIPPLITE-P142-06N-SC4K Datasheet
495Kb / 2P
   HDMI 4K x 2K UHD Upscaler
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
logo
Silicon image
SII9020 SILICONIMAGE-SII9020 Datasheet
173Kb / 2P
   HDMI Transmitter
SII9022A SILICONIMAGE-SII9022A Datasheet
1Mb / 2P
   HDMI Transmitter
logo
ESS Technology,Inc
ES7120 ESS-ES7120 Datasheet
44Kb / 2P
   HDMI Transmitter
logo
Silicon image
SII9024A SILICONIMAGE-SII9024A Datasheet
1Mb / 2P
   HDMI Transmitter
logo
Tripp Lite. All Rights ...
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
   HDMI to Mini HDMI Adapter, 1080p (F-M)
logo
Bourns Electronic Solut...
CDDFN10-0524P BOURNS-CDDFN10-0524P Datasheet
739Kb / 1P
   HDMI 1.3 - ESD & Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com