Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFA9812HN Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TFA9812HN
Description  BTL stereo Class-D audio amplifier with I2S input
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TFA9812HN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TFA9812HN Datasheet HTML 6Page - NXP Semiconductors TFA9812HN Datasheet HTML 7Page - NXP Semiconductors TFA9812HN Datasheet HTML 8Page - NXP Semiconductors TFA9812HN Datasheet HTML 9Page - NXP Semiconductors TFA9812HN Datasheet HTML 10Page - NXP Semiconductors TFA9812HN Datasheet HTML 11Page - NXP Semiconductors TFA9812HN Datasheet HTML 12Page - NXP Semiconductors TFA9812HN Datasheet HTML 13Page - NXP Semiconductors TFA9812HN Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
TFA9812_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 22 January 2009
10 of 66
NXP Semiconductors
TFA9812
BTL stereo Class-D audio amplifier with I2S input
In Soft mute mode the I2S input signal is overruled with a soft mute.
– In Legacy control mode the analog input pin AVOL controls Soft mute mode.
– In I2C control mode I2C control can be used to enable an automatic soft mute
function. See also Section 8.5.3.
In Hard mute mode the PWM controller is overruled with a 50 % duty cycle square
pulse. The Hard mute mode is only available in I2C control mode.
In Operating mode the TFA9812 amplifies the I2S audio input signal in line with the
actual control setting.
In 3-state mode the output stages are switched off.
Fault mode is entered when a fault condition is detected by one or more of the
protection mechanisms implemented in the TFA9812. In Fault mode the actual device
configuration depends on the fault detected: see Section 8.7 for more information.
Fault mode is for a subset of the faults flagged on the DIAG output pin. When the
DIAG pin is flagged the output stages will be forced to enter 3-state mode. In Sleep
mode the DIAG pin will not flag fault modes.
[1]
Clocking faults do not trigger DIAG output.
[2]
Under these conditions soft mute still has to be enabled by the appropriate I2C setting.
8.2.3 I2S master/slave modes and MCLK/BCK clock modes
The I2S interface can be set in master or in slave.
In I2S master mode the PLL locks to the output signal of the internal crystal oscillator
circuit which uses an external crystal. The BCK, WS and MCLK signals are generated
by the TFA9812. On the MCLK pin the TFA9812 delivers a master clock running at the
crystal frequency.
In I2S slave mode the PLL can lock to:
– The external MCLK signal on the MCLK pin called MCLK clock mode.
– The I2S input BCK signal on the BCK pin called BCK clock mode.
The I2S master or slave mode can be selected:
In I2C control mode by selecting the right I2C setting.
In legacy control mode by selecting the right setting on the SDA/MS pin.
Table 5.
Operational mode selection
Pin:
DIAG Output
Operational mode
selected:
POWERUP
ENABLE
CSEL
AVOL
0
-
-
-
floating
Sleep mode
1
-
-
-
0 / floating
Fault mode (enabled by
system)[1]
1
1
1
-
floating
Soft mute mode (in I2C
control mode)[2]
1
1
0
< 0.8 V
floating
Soft mute (in Legacy control
mode)
1
0
-
-
floating
3-state mode
1
1
-
-
floating
Operational mode


Similar Part No. - TFA9812HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9812HN NXP-TFA9812HN Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
More results

Similar Description - TFA9812HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Realtek Semiconductor C...
ALC5626 REALTEK-ALC5626 Datasheet
931Kb / 55P
   I2S AUDIO DAC HEADPHONE AND STEREO CLASS-AB/D SPEAKER AMPLIFIER
logo
Jiaxing Heroic Technolo...
HT560 HEROIC-HT560 Datasheet
615Kb / 5P
   2*30W I2S Input Stereo Class D Amplifiera
logo
Elite Semiconductor Mem...
AD62550A ESMT-AD62550A Datasheet
248Kb / 3P
   Class-D Audio Power Amplifier with USB / I2S Interface
logo
Texas Instruments
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
Lyontek Inc.
LY8271A LYONTEK-LY8271A_17 Datasheet
666Kb / 19P
   16Wx2(BTL) Stereo / 20Wx1(PBTL) Mono Class D Audio Amplifier
logo
Monolithic Power System...
MP7751 MPS-MP7751 Datasheet
903Kb / 19P
   26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com