Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2009YML Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2009YML
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2009YML Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2009YML Datasheet HTML 7Page - Micrel Semiconductor MIC2009YML Datasheet HTML 8Page - Micrel Semiconductor MIC2009YML Datasheet HTML 9Page - Micrel Semiconductor MIC2009YML Datasheet HTML 10Page - Micrel Semiconductor MIC2009YML Datasheet HTML 11Page - Micrel Semiconductor MIC2009YML Datasheet HTML 12Page - Micrel Semiconductor MIC2009YML Datasheet HTML 13Page - Micrel Semiconductor MIC2009YML Datasheet HTML 14Page - Micrel Semiconductor MIC2009YML Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Micrel, Inc.
MIC20XX Family
January 2009
11
M9999-012109-A
Electrical Characteristics (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units
IOUT = 2A, VOUT = 0.8VIN
210
250
286
IOUT = 1A, VOUT = 0.8VIN
190
243
293
IOUT = 0.5A, VOUT = 0.8VIN
168
235
298
CLF
Variable Current Limit Factor
MIC20X7 – MIC20X9
RSET (Ω) = CLF (V)
IOUT (A)
IOUT = 0.2A, VOUT = 0.8VIN
144
225
299
V
ILIMIT_2nd
Secondary current limit
MIC201X (All Kickstart parts only)
VIN = 2.5V
2.2
4
6
A
VIN Rising
2
2.25
2.5
UVLOTHRESHOLD
Under Voltage Lock Out Threshold
VIN Falling
1.9
2.15
2.4
V
UVLOHysteresis
Undervoltage Lock Out
Hysteresis
0.1
V
VVUVLO_TH
Variable UVLO Threshold
MIC20X6
225
250
275
mV
VIL (MAX)
0.5
VEN
ENABLE Input Voltage
(5)
VIH (MIN)
1.5
V
VFAULT
Fault status Output Voltage
IOL = 10mA
0.25
0.4
V
TJ Increasing
145
OTTHRESHOLD
Over-temperature Threshold
TJ Decreasing
135
°C
AC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
tRISE
Output Turn-on rise time
RL = 10 Ω, CLOAD = 1µF,
VOUT = 10% to 90%
*CSLEW = Open
500
1000
1500
µs
Delay before asserting or releasing
FAULT/
MIC200X
Time from current limiting to
FAULT/ state change
20
32
49
tD_FAULT
Delay before asserting or releasing
FAULT/
MIC201X
Time from IOUT continuously
exceeding primary current
limit condition to FAULT/
state change
77
128
192
ms
tD_LIMIT
Delay before current limiting
MIC201X
77
128
192
ms
tRESET
Delay before resetting Kickstart
current limit delay, tD_LIMIT
MIC201X
Out of current limit following a
current limit event.
77
128
192
ms
tON_DLY
Output Turn-on Delay
RL = 43Ω, CL = 120µF,
VEN = 50% to VOUT = 10%
*CSLEW = Open
1000
1500
µs
tOFF_DLY
Output Turn-off Delay
RL = 43Ω, CL = 120µF,
VEN = 50% to VOUT = 90%
*CSLEW = Open
700
µs
Note
: * Whenever CSLEW is present.


Similar Part No. - MIC2009YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2009YML MICREL-MIC2009YML Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC2009YML-TR MICROCHIP-MIC2009YML-TR Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results

Similar Description - MIC2009YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
   Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAGEVB ONSEMI-NCP380HMUAJAGEVB Datasheet
627Kb / 23P
   Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com