Electronic Components Datasheet Search |
|
A2S1BSQ6VDC1.62D Datasheet(PDF) 1 Page - CIT Relay & Switch |
|
A2S1BSQ6VDC1.62D Datasheet(HTML) 1 Page - CIT Relay & Switch |
1 / 3 page www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 A2 26.0 x 26.0 x 24.5 (39.5) mm RoHS Compliant • Large switching capacity up to 40A • Small size and light weight • PCB pin and quick connect mounting available • Suitable for automobile and lamp accessories • QS-9000, ISO-9002 Certified Manufacturing Coil Data Coil Voltage VDC Coil Resistance Ω +/- 10% Pick Up Voltage VDC (max) 70% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms Rated Max 1.6W 1.9W 6 7.8 22.5 19 4.20 .6 1.60 or 1.90 7 5 12 15.6 90 75.8 8.40 1.2 24 31.2 360 303.2 16.80 2.4 General Data Contact Data page 77 Caution 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. Contact Arrangement 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 1U = SPST N.O. (2 terminals) Contact Rating 1A : 40A @ 14VDC 1B : 30A @ 14VDC 1C : 40A @ 14VDC N.O. and 1C : 30A @ 14VDCN.C. 1U : 2x20A @ 14VDC Contact Resistance < 30 milliohms initial Contact Material AgSnO2 Maximum Switching Power 630W Maximum Switching Voltage 75VDC Maximum Switching Current 40A Electrical Life @ rated load 100K cycles, typical Mechanical Life 10M cycles, typical Insulation Resistance 100M Ω min. @ 500VDC Dielectric Strength, Coil to Contact 750V rms min. @ sea level Contact to Contact 500V rms min. @ sea level Shock Resistance 147m/s2 for 11 ms Vibration Resistance 1.5mm double amplitude 10~40Hz Terminal (Copper Alloy) Strength 8N (quick connect), 4N (PCB pins) Operating Temperature -40oC to +125oC Storage Temperature -40oC to +155oC Solderability 260oC for 5 s Weight 31g Features |
Similar Part No. - A2S1BSQ6VDC1.62D |
|
Similar Description - A2S1BSQ6VDC1.62D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |