Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLG-100-48 Datasheet(PDF) 2 Page - XP Power Limited

Part # CLG-100-48
Description  100W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CLG-100-48 Datasheet(HTML) 2 Page - XP Power Limited

  CLG-100-48 Datasheet HTML 1Page - XP Power Limited CLG-100-48 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
FileName:CLG-100-SPEC2006-08-30
CaseNo.
Unit:mm
954A
Fosc:100KHz
fosc:100KHz
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
-30
-25
-5
0
15
30
50
60
70
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
264
100
90
80
70
60
50
40
(HORIZONTAL)
50
100
IO(%)
0
50
95
50
(max.)
100
OLP Characteristics
(Vo Io<100VA)
100WSingleOutputSwitchingPowerSupply
C L G - 1 0 0 series
BlockDiagram
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
ING
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
PFC
CONTROL
300 20
FG(Greed/Yellow)
18AWG 2C
18AWG 3C
222.2
198.2
L(Brown)
N(Blue)
12
9.6
4.2 4PL
300 20
-V(Black)
+V(Red)


Similar Part No. - CLG-100-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CLG-100-48 MEANWELL-CLG-100-48 Datasheet
218Kb / 2P
   100W Single Output Switching Power Supply
CLG-100-48 MEANWELL-CLG-100-48 Datasheet
247Kb / 3P
   100W Single Output Switching Power Supply
CLG-100-48 MEANWELL-CLG-100-48 Datasheet
247Kb / 3P
   100W Single Output Switching Power Supply
CLG-100-48 MEANWELL-CLG-100-48 Datasheet
250Kb / 3P
   100W Single Output Switching Power Supply
More results

Similar Description - CLG-100-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100_1107 MEANWELL-LPV-100_1107 Datasheet
1Mb / 2P
   100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
   100W Single Output Switching Power Supply
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100 RSG-RS-100 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com