Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCDS-1603EX Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # ADCDS-1603EX
Description  16-Bit, 2.3 Megapixels/Second CCD Signal Processor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADCDS-1603EX Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  ADCDS-1603EX Datasheet HTML 1Page - Murata Power Solutions Inc. ADCDS-1603EX Datasheet HTML 2Page - Murata Power Solutions Inc. ADCDS-1603EX Datasheet HTML 3Page - Murata Power Solutions Inc. ADCDS-1603EX Datasheet HTML 4Page - Murata Power Solutions Inc. ADCDS-1603EX Datasheet HTML 5Page - Murata Power Solutions Inc. ADCDS-1603EX Datasheet HTML 6Page - Murata Power Solutions Inc. ADCDS-1603EX Datasheet HTML 7Page - Murata Power Solutions Inc. ADCDS-1603EX Datasheet HTML 8Page - Murata Power Solutions Inc. ADCDS-1603EX Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MDA_ADCDS-1603.E06 Page 2 of 11
ABSOLUTE MAXIMUM RATINGS
FUNCTIONAL SPECIFICATIONS
The following specifications apply over the operating temperature range, under the following
conditions: +5VA = +5V, +5VD = 5V, –5VA = –5V, sample rate = 2.3MHz.
Analog Input
Min.
Typ.
Max.
Units
Input Voltage Range (Reference
Signal - Pixel data Signal)
Gain of 5.99 (Pin 4 to GND)
Gain of 1 (Pin 4 Open)
0.342
2.048
V p-p
V p-p
Input Resistance
5000
Ohms
Input Capacitance
–22
pF
Digital Inputs
Logic Levels
Logic 1 A0, A1 (pins 30, 31)
Logic 0 A0, A1 (pins 30, 31)
Logic 1 (pins 25, 26)
Logic 0 (pins 26, 26)
Logic Loading
Logic 1
Logic 0
4.5
+2.4
+Vdd
0.4
+0.8
+10
-10
Volts
Volts
Volts
Volts
uA
uA
Digital Outputs
Logic Levels (pins 8-23)
Logic 1 (0.5mA)
Logic 0 (0.5mA)
2.8
3.0
3.3
+0.4
Volts
Volts
Logic Levels (pin 27)
Logic 1 (0.5mA)
Logic 0 (0.5mA)
4.5
5.0
+0.4
Volts
Volts
Internal Reference Voltage
(Fine gain adjust pin 1 grounded)
+25°C
0 to 70°C
–40 to +125°C
2.038
2.038
2.028
2.048
2.048
2.048
2.058
2.058
2.068
Volts
Volts
Volts
Reference Current
0.2
mA
Linearity
Differential Nonlinearity
(Histogram, 98kHz)
+25°C
0 to 70°C
–40 to +125°C
–0.90
–0.90
–0.98
±0.5
±0.5
±0.6
+1.2
+1.2
+2
LSB
LSB
LSB
Integral Nonlinearity
+25°C
0 to 70°C
–40 to +125°C
±1
±1
±2
LSB
LSB
LSB
Guaranteed No Missing Codes
0 to 70°C
–40 to +125°C
16
16
LSB
LSB
Offset/Gain
Min.
Typ.
Max.
Units
Offset Error Gain = 1
+25°C
0 to 70°C
–40 to +125°C
0.5
0.5
0.5
1
1
1.5
%FSR
%FSR
%FSR
Gain Error Gain = 1
+25°C
0 to 70°C
–40 to +125°C
0.5
0.5
0.5
1
1
1.5
%FSR
%FSR
%FSR
Bandwidth
Min.
Typ.
Max.
Units
Input Amplifier –3db BW
Input Common Mode Voltage
Output Voltage Swing
13.5
–3.5
–2.5
3.5
2.5
MHz
V
V
Reference
Min.
Typ.
Max.
Units
Reference Voltage +25ºC
2.033
2.048
2.063
V
Reference Voltage 0 to +70ºC
2.033
2.048
2.063
V
Reference Voltage -40 to +125ºC
2.033
2.048
2.063
V
Parameters
Min.
Typ.
Max.
Units
–5V Supply (Pin 38)
–6.5
+0.3
Volts
+5V Supply (Pin 34, 36)
–0.3
+6.5
Volts
Digital Input (Pin 25, 26, 30, 31)
–0.3
Vdd+0.3V
Volts
Analog Input (Pin 3, 4, 5)
–6
+6
Volts
Lead Temperature
300
°C
Noise
A1
A0
Min.
Typ.
Max.
Units
DC Noise Gain = 1 (pin 4 = NC)
Start Convert Rate
2.3 MHz
1.8 MHz
1.0 MHz
800 MHz
LO
LO
HI
HI
LO
HI
LO
HI
2
63
1.5
48
1.3
41
1.3
41
LSB RMS
uV RMS
LSB RMS
uV RMS
LSB RMS
uV RMS
LSB RMS
uV RMS
DC Noise Gain = 5.99 (pin 4 = GND)
Start Convert Rate
2.3 MHz
1.8 MHz
1.0 MHz
800 MHz
LO
LO
HI
HI
LO
HI
LO
HI
2.5
13
2.0
10.8
1.6
8.5
1.6
8.5
LSB RMS
uV RMS
LSB RMS
uV RMS
LSB RMS
uV RMS
LSB RMS
uV RMS
ADCDS-1603
16-Bit, 2.3 Megapixels/Second
CCD Signal Processor
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Similar Part No. - ADCDS-1603EX

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADCDS-1603EX DATEL-ADCDS-1603EX Datasheet
100Kb / 1P
   Electronic Imaging
ADCDS-1603EX DATEL-ADCDS-1603EX Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
ADCDS-1603EX-C DATEL-ADCDS-1603EX-C Datasheet
101Kb / 1P
   Electronic Imaging
ADCDS-1603EX-C DATEL-ADCDS-1603EX-C Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
More results

Similar Description - ADCDS-1603EX

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADCDS-1603 DATEL-ADCDS-1603 Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
logo
Murata Power Solutions ...
ADCDS-1410 MURATA-PS-ADCDS-1410 Datasheet
519Kb / 9P
   14-Bit, 10 Megapixels/Second, CCD Signal Processor
ADCDS-1405 MURATA-PS-ADCDS-1405 Datasheet
526Kb / 9P
   14-Bit, 5 Megapixels/Second, CCD Signal Processor
ADCDS-1403 MURATA-PS-ADCDS-1403 Datasheet
229Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Holtek Semiconductor In...
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
   16-Bit CCD/CIS Analog Signal Processor
HT82V36 HOLTEK-HT82V36 Datasheet
123Kb / 10P
   16-Bit CCD/CIS Analog Signal Processor
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com