Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCDS-1603EX-C Datasheet(PDF) 11 Page - Murata Power Solutions Inc.

Part # ADCDS-1603EX-C
Description  16-Bit, 2.3 Megapixels/Second CCD Signal Processor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADCDS-1603EX-C Datasheet(HTML) 11 Page - Murata Power Solutions Inc.

Back Button ADCDS-1603EX-C Datasheet HTML 3Page - Murata Power Solutions Inc. ADCDS-1603EX-C Datasheet HTML 4Page - Murata Power Solutions Inc. ADCDS-1603EX-C Datasheet HTML 5Page - Murata Power Solutions Inc. ADCDS-1603EX-C Datasheet HTML 6Page - Murata Power Solutions Inc. ADCDS-1603EX-C Datasheet HTML 7Page - Murata Power Solutions Inc. ADCDS-1603EX-C Datasheet HTML 8Page - Murata Power Solutions Inc. ADCDS-1603EX-C Datasheet HTML 9Page - Murata Power Solutions Inc. ADCDS-1603EX-C Datasheet HTML 10Page - Murata Power Solutions Inc. ADCDS-1603EX-C Datasheet HTML 11Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MDA_ADCDS-1603.E06 Page 11 of 11
DS-0565E 12 Jun 2008
INPU/OUTPUT CONNECTIONS
ORDERING INFORMATION
MECHANICAL DIMENSIONS inches (mm)
PIN
FUNCTION
PIN
FUNCTION
1
NO CONNECTION
40
NO CONNECTION
2
OFFSET ADJUST
39
NO CONNECTION
3
DIRECT INPUT
38
–5VA
4
INVERTING INPUT
37
ANALOG GROUND
5
NON-INVERTING INPUT
36
+5VA
6
+2.048V REF. OUTPUT
35
ANALOG GROUND
7
ANALOG GROUND
34
+5VD
8
BIT 16 (LSB)
33
DIGITAL GROUND
9
BIT 15
32
DIGITAL GROUND
10
BIT 14
31
A1
11
BIT 13
30
12
BIT 12
29
NO CONNECTION
13
BIT 11
28
NO CONNECTION
14
BIT 10
27
DATA VALID
15
BIT 9
26
REFERENCE HOLD
16
BIT 8
25
START CONVERT
17
BIT 7
24
NO CONNECTION
18
BIT 6
23
BIT 1 (MSB)
19
BIT 5
22
BIT 2
20
BIT 4
21
BIT 2
ADCDS-1603
16-BIT, 2.3MHz
CCD SIGNAL PROCESSOR
1.27 TYP.
(32.25)
2.24 TYP. (56.90)
0.100 TYP.
(2.540)
0.28 REF
(7.11)
0.11 (2.79)
0.34
(8.64)
R.04
TYP
.005
All Leads
Contact MPS for more information.
1.900 ±0.008
(48.260)
0.900 ±0.010
(22.86)
0.100 TYP.
(2.540)
90°
TYP
TDIP
Package
SMT
Package
0.32 TYP
(8.128)
MODEL
OPERATING
TEMPERATURE RANGE
PACKAGE
(40-PIN)
ADCDS-1603
0 to 70°C
TDIP
ADCDS-1603EX
–40°C to 125°C
TDIP
ADCDS-1603-C
0 to 70°C
TDIP
ADCDS-1603EX-C
–40°C to 125°C
TDIP
Contact factory for SMT models.
-C suffix models are RoHS compliant.
ADCDS-1603
16-Bit, 2.3 Megapixels/Second
CCD Signal Processor
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (Ma), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Similar Part No. - ADCDS-1603EX-C

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADCDS-1603EX-C DATEL-ADCDS-1603EX-C Datasheet
101Kb / 1P
   Electronic Imaging
ADCDS-1603EX-C DATEL-ADCDS-1603EX-C Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
More results

Similar Description - ADCDS-1603EX-C

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADCDS-1603 DATEL-ADCDS-1603 Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
logo
Murata Power Solutions ...
ADCDS-1410 MURATA-PS-ADCDS-1410 Datasheet
519Kb / 9P
   14-Bit, 10 Megapixels/Second, CCD Signal Processor
ADCDS-1405 MURATA-PS-ADCDS-1405 Datasheet
526Kb / 9P
   14-Bit, 5 Megapixels/Second, CCD Signal Processor
ADCDS-1403 MURATA-PS-ADCDS-1403 Datasheet
229Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Holtek Semiconductor In...
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
   16-Bit CCD/CIS Analog Signal Processor
HT82V36 HOLTEK-HT82V36 Datasheet
123Kb / 10P
   16-Bit CCD/CIS Analog Signal Processor
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com