Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR438DP Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIR438DP
Description  N-Channel 25-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR438DP Datasheet(HTML) 6 Page - Vishay Siliconix

  SIR438DP Datasheet HTML 1Page - Vishay Siliconix SIR438DP Datasheet HTML 2Page - Vishay Siliconix SIR438DP Datasheet HTML 3Page - Vishay Siliconix SIR438DP Datasheet HTML 4Page - Vishay Siliconix SIR438DP Datasheet HTML 5Page - Vishay Siliconix SIR438DP Datasheet HTML 6Page - Vishay Siliconix SIR438DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number: 69029
S-83093-Rev. A, 29-Dec-08
Vishay Siliconix
SiR438DP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?69029.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
1000
10-1
10-4
100
0.2
0.1
Square WavePulse Duration (s)
1
0.1
0.01
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 65 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Single Pulse
0.02
0.05
Normalized Thermal Transient Impedance, Junction-to-Case
1
0.1
0.01
0.2
Duty Cycle = 0.5
Square WavePulse Duration (s)
10-3
10-2
1
10-1
10-4
0.05
0.02
Single Pulse
0.1


Similar Part No. - SIR438DP

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIR438DP TFUNK-SIR438DP Datasheet
343Kb / 13P
   N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SIR438DP VISHAY-SIR438DP_V01 Datasheet
344Kb / 13P
   N-Channel 25-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR438DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 31-Mar-08
SUD50N025-06P VISHAY-SUD50N025-06P Datasheet
108Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 09-May-05
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 04-Apr-11
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 04-Oct-04
SI4630DY VISHAY-SI4630DY_17 Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SIDR140DP VISHAY-SIDR140DP Datasheet
194Kb / 8P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 27-Nov-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com