Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR464DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIR464DP
Description  N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR464DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SIR464DP Datasheet HTML 1Page - Vishay Siliconix SIR464DP Datasheet HTML 2Page - Vishay Siliconix SIR464DP Datasheet HTML 3Page - Vishay Siliconix SIR464DP Datasheet HTML 4Page - Vishay Siliconix SIR464DP Datasheet HTML 5Page - Vishay Siliconix SIR464DP Datasheet HTML 6Page - Vishay Siliconix SIR464DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 68871
S-82017-Rev. A, 01-Sep-08
www.vishay.com
3
Vishay Siliconix
SiR464DP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
14
28
42
56
70
0.0
0.5
1.0
1.5
2.0
2.5
VGS =10thru 4 V
VGS =3 V
VDS - Drain-to-Source Voltage (V)
0.0020
0.0025
0.0030
0.0035
0.0040
0.0045
014
28
42
56
70
VGS =4.5 V
VGS =10 V
ID - Drain Current (A)
0
2
4
6
8
10
0
13263952
65
VDS =20 V
ID =10A
VDS =15 V
VDS =10 V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0
1
234
5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
900
1800
2700
3600
4500
0
6
12
18
24
30
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS =4.5 V
VGS =10 V
ID =15A
TJ -Junction Temperature (°C)


Similar Part No. - SIR464DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR464DP VISHAY-SIR464DP Datasheet
344Kb / 13P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SIR464DP-T1-GE3 VISHAY-SIR464DP-T1-GE3 Datasheet
192Kb / 9P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 01-Sep-08
SIR464DP VISHAY-SIR464DP_V01 Datasheet
344Kb / 13P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR464DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com