Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-119GC Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # ADS-119GC
Description  12-Bit, 10MHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-119GC Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

  ADS-119GC Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-119GC Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-119GC Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-119GC Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-119GC Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-119GC Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-119GC Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-119GC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
®
®
ADS-119
®
®
DS-0289B
3/97
MECHANICAL DIMENSIONS INCHES (mm)
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.600 ±0.010
(15.240)
0.80 MAX.
(20.32)
0.100 TYP.
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.100
(2.540)
0.040
(1.016)
1.31 MAX.
(33.27)
1
12
13
24
1.100
(27.940)
0.190 MAX.
(4.826)
0.010
(0.254)
+0.002
–0.001
SEATING
PLANE
0.025
(0.635)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
PIN 1 INDEX
0.80 MAX.
(20.32)
0.015
(0.381)
MAX. radius
for any pin
1.31 MAX.
(33.02)
0.100 TYP.
(2.540)
0.100
(2.540)
0.210 MAX.
(5.334)
0.040
(1.016)
0.020 TYP.
(0.508)
0.020
(0.508)
24
13
12
1
PIN 1
INDEX
0.130 TYP.
(3.302)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material:
Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
0.060 TYP.
(1.524)
0.010 TYP.
(0.254)
ORDERING INFORMATION
MODEL NUMBER
OPERATING TEMP. RANGE
ADS-119MC
0 to +70°C
ADS-119MM
–55 to +125°C
ADS-119/883
–55 to +125°C
ADS-119GC
0 to +70°C
ADS-119GM
–55 to +125°C
24-Pin DDIP
Version
ADS-119MC
ADS-119MM
ADS-926MC
ADS-119/883
24-Pin
Surface Mount
Versions
ADS-119GC
ADS-119GM
ACCESSORIES
ADS-B119
Evaluation Board (without ADS-119)
HS-24
Heat Sinks for all ADS-119 DDIP models
Receptacles for PC board mounting can be ordered through AMP Inc. Part # 3-331272-8 (Components Lead Socket), 24 required.
For MIL-STD-883 product specification or availability of surface mounts package, contact DATEL.
ISO 9001
ISO 9001
REGISTERED
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
E-mail:sales@datel.com
Data Sheet Fax Back: (508) 261-2857
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025


Similar Part No. - ADS-119GC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-119GC ETC-ADS-119GC Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-119GC DATEL-ADS-119GC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-119GC-C DATEL-ADS-119GC-C Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-119GC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-947 MURATA-PS-ADS-947 Datasheet
216Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com