Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-916 Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # ADS-916
Description  14-Bit, 500kHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-916 Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  ADS-916 Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-916 Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-916 Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-916 Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-916 Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-916 Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-916 Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-916 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
®
®
ADS-916
3
+25°C
0 to +70°C
–55 to +125°C
ANALOG OUTPUT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Internal Reference
Voltage
+9.95
+10.0
+10.05
+9.95
+10.0
+10.05
+9.95
+10.0
+10.05
Volts
Drift
±5
±5
±5
ppm/°C
External Current
1.5
1.5
1.5
mA
DIGITAL OUTPUTS
Logic Levels
Logic "1"
+2.4
+2.4
+2.4
Volts
Logic "0"
+0.4
+0.4
+0.4
Volts
Logic Loading "1"
–4
–4
–4
mA
Logic Loading "0"
+4
+4
+4
mA
Delay, Falling Edge of EOC
to Output Data Valid
35
35
35
ns
Output Coding
Straight Binary
POWER REQUIREMENTS, ±15V
Power Supply Ranges
+15V Supply
+14.5
+15.0
+15.5
+14.5
+15.0
+15.5
+14.5
+15.0
+15.5
Volts
–15V Supply
–14.5
–15.0
–15.5
–14.5
–15.0
–15.5
–14.5
–15.0
–15.5
Volts
+5V Supply
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
Volts
Power Supply Currents
+15V Supply
+50
+65
+50
+65
+50
+65
mA
–15V Supply
–40
–50
–40
–50
–40
–50
mA
+5V Supply
+70
+85
+70
+85
+70
+85
mA
Power Dissipation
1.6
1.8
1.6
1.8
1.6
1.8
Watts
Power Supply Rejection
±0.01
±0.01
±0.01
%FSR/%V
POWER REQUIREMENTS, ±12V
Power Supply Ranges
+12V Supply
+11.5
+12.0
+12.5
+11.5
+12.0
+12.5
+11.5
+12.0
+12.5
Volts
–12V Supply
–11.5
–12.0
–12.5
–11.5
–12.0
–12.5
–11.5
–12.0
–12.5
Volts
+5V Supply
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
Volts
Power Supply Currents
+12V Supply
+50
+65
+50
+65
+50
+65
mA
–12V Supply
–40
–50
–40
–50
–40
–50
mA
+5V Supply
+70
+80
+70
+80
+70
+80
mA
Power Dissipation
1.4
1.6
1.4
1.6
1.4
1.6
Watts
Power Supply Rejection
±0.01
±0.01
±0.01
%FSR/%V
6.02
(SNR + Distortion) – 1.76 +
20 log
Full Scale Amplitude
Actual Input Amplitude
 Effective bits is equal to:
 This is the time required before the A/D output data is valid after the analog input
is back within the specified range.
Footnotes:
ΠAll power supplies must be on before applying a start convert pulse. All supplies
and the clock (START CONVERT) must be present during warmup periods. The
device must be continuously converting during this time. There is a slight
degradation in performance when using ±12V supplies.
 See Ordering Information for availability of ±5V input range. Contact DATEL for
availability of other input voltage ranges.
Ž A 500 kHz clock with a 200ns wide start convert pulse is used for all production
testing. Only the rising edge of the start convert pulse is required for the device
to operate (edge-triggered). See Timing Diagram for more details.
TECHNICAL NOTES
1. Obtaining fully specified performance from the ADS-916
requires careful attention to pc-card layout and power
supply decoupling. The device's analog and digital ground
systems are connected to each other internally. For optimal
performance, tie all ground pins (14, 19 and 23) directly to a
large analog ground plane beneath the package.
Bypass all power supplies and the REFERENCE OUTPUT
(pin 21) to ground with 4.7µF tantalum capacitors in parallel
with 0.1µF ceramic capacitors. Locate the bypass capaci-
tors as close to the unit as possible. If the user-installed
offset and gain adjusting circuit shown in Figure 2 is used,
also locate it as close to the ADS-916 as possible.
2. The ADS-916 achieves its specified accuracies without the
need for external calibration. If required, the device's small
initial offset and gain errors can be reduced to zero using
the input circuit of Figure 2. When using this circuit, or any
similar offset and gain-calibration hardware, make adjust-
ments following warmup. To avoid interaction, always adjust
offset before gain.
3. When operating the ADS-916 from ±12V supplies, do not
drive external circuitry with the REFERENCE OUTPUT. The
reference's accuracy and drift specifications may not be
met, and loading the circuit may cause accuracy errors
within the converter.
4. Applying a start convert pulse while a conversion is in
progress (EOC = logic "1") initiates a new and inaccurate
conversion cycle. Data for the interrupted and subsequent
conversions will be invalid.


Similar Part No. - ADS-916

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-916 ETC-ADS-916 Datasheet
187Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-916-C/883 DATEL-ADS-916-C/883 Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-916-C883 DATEL-ADS-916-C883 Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-916883 DATEL-ADS-916883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-916G-C/883 DATEL-ADS-916G-C/883 Datasheet
107Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-916

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-926 MURATA-PS-ADS-926 Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-916 ETC-ADS-916 Datasheet
187Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-926 ETC-ADS-926 Datasheet
151Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS950 ETC-ADS950 Datasheet
184Kb / 6P
   18-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com