Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-926MM Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # ADS-926MM
Description  14-Bit, 500kHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-926MM Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  ADS-926MM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-926MM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-926MM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-926MM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-926MM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-926MM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-926MM Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-926MM Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
®
®
ADS-916
4
Zero/Offset Adjust Procedure
1. Apply a train of pulses to the START CONVERT input
(pin 16) so the converter is continuously converting. If using
LED's on the outputs, a 200kHz conversion rate will reduce
flicker.
2. Apply +305µV to the ANALOG INPUT (pin 20).
3. Adjust the offset potentiometer until the output bits are
all 0's and the LSB flickers between 0 and 1.
Gain Adjust Procedure
1. Apply +9.999085V to the ANALOG INPUT (pin 20).
2. Adjust the gain potentiometer until the output bits are all 1's
and the LSB flickers between 1 and 0.
INPUT VOLTAGE
ZERO ADJUST
GAIN ADJUST
RANGE
+½ LSB
+FS –1½ LSB
0 to +10V
+305µV
+9.999085V
Table 1. Zero and Gain Adjust
INPUT VOLTAGE
UNIPOLAR
DIGITAL OUTPUT
(0 to +10V)
SCALE
MSB
LSB
+9.999390
+FS –1LSB
11 1111 1111 1111
+7.500000
+3/4 FS
11 0000 0000 0000
+5.000000
+1/2 FS
10 0000 0000 0000
+2.500000
+1/4 FS
01 0000 0000 0000
+0.000610
+1LSB
00 0000 0000 0001
0.000000
0
00 0000 0000 0000
Table 2. Output Coding
Figure 3. Typical ADS-916 Connection Diagram
Coding is straight binary; 1LSB = 610µV.
CALIBRATION PROCEDURE
(Refer to Figures 2 and 3)
Any offset and/or gain calibration procedures should not be
implemented until devices are fully warmed up. To avoid
interaction, offset must be adjusted before gain. The ranges of
adjustment for the circuit of Figure 2 are guaranteed to
compensate for the ADS-916's initial accuracy errors and may
not be able to compensate for additional system errors.
All fixed resistors in Figure 2 should be metal-film types, and
multiturn potentiometers should have TCR’s of 100ppm/°C or
less to minimize drift with temperature.
A/D converters are calibrated by positioning their digital outputs
exactly on the transition point between two adjacent digital
output codes. This can be accomplished by connecting LED's
to the digital outputs and adjusting until certain LED's "flicker"
equally between on and off. Other approaches employ digital
comparators or microcontrollers to detect when the outputs
change from one code to the next.
For the ADS-916, offset adjusting is normally accomplished at
the point where the output bits are 0's and the LSB just
changes from a 0 to a 1. This digital output transition ideally
occurs when the applied analog input is +½LSB (+305µV).
Gain adjusting is accomplished when all bits are 1's and the
LSB just changes from a 1 to a 0. This transition ideally occurs
when the analog input is at +full scale minus 1½ LSB's
(+9.999085V).
Figure 2. ADS-916 Calibration Circuit
13
ADS-916
14
20
16
18
17
12
11
10
9
8
7
6
5
4
3
2
1
15
BIT 1 (MSB)
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
BIT 13
BIT 14 (LSB)
EOC
ANALOG
INPUT
START
CONVERT
19, 23
22
24
0.1µF
4.7µF
+5V
0.1µF
4.7µF
0.1µF
4.7µF
+
+
–12V/–15V
+12V/+15V
+
0.1µF
+
4.7µF
21 +10V REF. OUT
DIGITAL
GROUND
0 to +10V
ANALOG
GROUND
To Pin 20
of ADS-916
–15V
SIGNAL
INPUT
GAIN
ADJUST
1.98k
50
+15V
2k
200k
20k
–15V
+15V
ZERO/
OFFSET
ADJUST


Similar Part No. - ADS-926MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-926MM ETC-ADS-926MM Datasheet
151Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-926MM ETC-ADS-926MM Datasheet
187Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-926MM MURATA-PS-ADS-926MM Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-926MM DATEL-ADS-926MM Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-926MM-C DATEL-ADS-926MM-C Datasheet
107Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-926MM

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-926 MURATA-PS-ADS-926 Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-916 ETC-ADS-916 Datasheet
187Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-926 ETC-ADS-926 Datasheet
151Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS950 ETC-ADS950 Datasheet
184Kb / 6P
   18-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com