Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-917MM Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # ADS-917MM
Description  14-Bit, 1MHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-917MM Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  ADS-917MM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-917MM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-917MM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-917MM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-917MM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-917MM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-917MM Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-917MM Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
®
®
ADS-917
7
Figure 6. ADS-917 FFT Analysis
Figure 7. ADS-917 Histogram and Differential Nonlinearity
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
0
50
100
150
200
250
300
350
400
450
500
Frequency (kHz)
(fs = 1MHz, fin = 480kHz, Vin = –0.5dB, 16,384-point FFT)
0
Digital Output Code
0
16,384
+0.41
0
–0.33
16,384
Digital Output Code


Similar Part No. - ADS-917MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-917MM ETC-ADS-917MM Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-917MM MURATA-PS-ADS-917MM Datasheet
152Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-917MM DATEL-ADS-917MM Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-917MM-C DATEL-ADS-917MM-C Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-917MM-QL DATEL-ADS-917MM-QL Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-917MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-927 MURATA-PS-ADS-927 Datasheet
152Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com