Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-917MM Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # ADS-917MM
Description  14-Bit, 1MHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-917MM Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  ADS-917MM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-917MM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-917MM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-917MM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-917MM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-917MM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-917MM Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-917MM Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
®
®
ADS-917
2
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+12V/+15V Supply (Pin 22)
0 to +16
Volts
–12V/–15V Supply (Pin 24)
0 to –16
Volts
+5V Supply (Pin 13)
0 to +6
Volts
Digital Input (Pin 16)
–0.3 to +VDD +0.3
Volts
Analog Input (Pin 20)
–4 to +17
Volts
Lead Temperature (10 seconds)
+300
°C
PHYSICAL/ENVIRONMENTAL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
Operating Temp. Range, Case
ADS-917MC, GC
0
+70
°C
ADS-917MM, GM
–55
+125
°C
Thermal Impedance
θjc
6
°C/Watt
θca
24
°C/Watt
Storage Temperature
–65
+150
°C
Package Type
24-pin, metal-sealed, ceramic DDIP or SMT
Weight
0.42 ounces (12 grams)
+25°C
0 to +70°C
–55 to +125°C
ANALOG INPUT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Input Voltage Range 
0 to +10
0 to +10
0 to +10
Volts
Input Resistance
1
1
1
k
Input Capacitance
7
15
7
15
7
15
pF
DIGITAL INPUT
Logic Levels
Logic "1"
+2.0
+2.0
+2.0
Volts
Logic "0"
+0.8
+0.8
+0.8
Volts
Logic Loading "1"
+20
+20
+20
µA
Logic Loading "0"
–20
–20
–20
µA
Start Convert Positive Pulse Width Ž
20
200
20
200
20
200
ns
STATIC PERFORMANCE
Resolution
14
14
14
Bits
Integral Nonlinearity (fin = 10kHz)
±0.5
±0.75
±1.5
LSB
Differential Nonlinearity (fin = 10kHz)
±0.5
±0.95
±0.5
±0.95
–0.95
±0.75
+1.25
LSB
Full Scale Absolute Accuracy
±0.05
±0.1
±0.1
±0.2
±0.15
±0.4
%FSR
Unipolar Offset Error (Tech Note 2)
±0.1
±0.2
±0.1
±0.2
±0.15
±0.4
%FSR
Gain Error (Tech Note 2)
±0.1
±0.25
±0.1
±0.25
±0.25
±0.4
%
No Missing Codes (fin = 10kHz)
14
14
14
Bits
DYNAMIC PERFORMANCE
Peak Harmonics (–0.5dB)
dc to 100kHz
–87
–82
–87
–82
–85
–80
dB
100kHz to 500kHz
–81
–76
–81
–76
–79
–74
dB
Total Harmonic Distortion (–0.5dB)
dc to 100kHz
–85
–82
–85
–82
–84
–80
dB
100kHz to 500kHz
–80
–76
–80
–76
–79
–74
dB
Signal-to-Noise Ratio
(w/o distortion, –0.5dB)
dc to 100kHz
75
79
75
79
73
77
dB
100kHz to 500kHz
73
78
73
78
72
76
dB
Signal-to-Noise Ratio 
(& distortion, –0.5dB)
dc to 100kHz
74
77
74
77
72
76
dB
100kHz to 500kHz
72
76
72
76
71
75
dB
Two-Tone Intermodulation
Distortion (fin = 100kHz,
240kHz, fs = 1MHz, –0.5dB)
–87
–86
–85
dB
Noise
300
400
600
µVrms
Input Bandwidth (–3dB)
Small Signal (–20dB input)
7
7
7
MHz
Large Signal (–0.5dB input)
5
5
5
MHz
Feedthrough Rejection (fin = 500kHz)
84
84
84
dB
Slew Rate
±60
±60
±60
V/µs
Aperture Delay Time
±20
±20
±20
ns
Aperture Uncertainty
5
5
5
ps rms
S/H Acquisition Time
(to ±0.003%FSR, 10V step)
530
570
610
530
570
610
530
570
610
ns
Overvoltage Recovery Time 
400
1000
400
1000
400
1000
ns
A/D Conversion Rate
1
1
1
MHz
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, ±VCC = ±15V (or ±12V), +VDD = +5V, 1MHz sampling rate, and a minimum 1 minute warmup Œ unless otherwise specified.)


Similar Part No. - ADS-917MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-917MM ETC-ADS-917MM Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-917MM MURATA-PS-ADS-917MM Datasheet
152Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-917MM DATEL-ADS-917MM Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-917MM-C DATEL-ADS-917MM-C Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-917MM-QL DATEL-ADS-917MM-QL Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-917MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-927 MURATA-PS-ADS-927 Datasheet
152Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com