Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-919MC Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # ADS-919MC
Description  14-Bit, 2MHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-919MC Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

  ADS-919MC Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-919MC Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-919MC Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-919MC Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-919MC Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-919MC Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-919MC Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-919MC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
®®
ADS-919
MECHANICAL DIMENSIONS INCHES (mm)
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.600 ±0.010
(15.240)
0.80 MAX.
(20.32)
0.100 TYP.
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.100
(2.540)
0.040
(1.016)
1.31 MAX.
(33.27)
112
13
24
1.100
(27.940)
0.190 MAX.
(4.826)
0.010
(0.254)
+0.002
–0.001
SEATING
PLANE
0.025
(0.635)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
PIN 1 INDEX
ORDERING INFORMATION
MODEL
OPERATING
ANALOG
NUMBER
TEMP. RANGE
INPUT
ADS-919MC
0 to +70°C
Unipolar (0 to +10V)
ADS-919MM
–55 to +125°C
Unipolar (0 to +10V)
ADS-919GC
0 to +70°C
Unipolar (0 to +10V)
ADS-919GM
–55 to +125°C
Unipolar (0 to +10V)
ADS-929MC
0 to +70°C
Bipolar (±5V)*
ADS-929MM
–55 to +125°C
Bipolar (±5V)*
ADS-929/883
–55 to +125°C
Bipolar (±5V)*
ADS-929GC
0 to +70°C
Bipolar (±5V)*
ADS-929GM
–55 to +125°C
Bipolar (±5V)*
24-Pin DDIP
Versions
ADS-919MC
ADS-919MM
ADS-929MC
ADS-929MM
ADS-929/883
24-Pin
Surface Mount
Versions
ADS-919GC
ADS-919GM
ADS-929GC
ADS-929GM
ACCESSORIES
ADS-B919/929
Evaluation Board (without ADS-919)
HS-24
Heat Sinks for all ADS-919/929 DDIP models
Receptacles for PC board mounting can be ordered through
AMP Inc. Part #3-331272-8 (Component Lead Socket), 24 required.
For MIL-STD-883 product specifications, contact DATEL.
* For information, see ADS-929 data sheet.
0.80 MAX.
(20.32)
0.015
(0.381)
MAX. radius
for any pin
1.31 MAX.
(33.02)
0.100 TYP.
(2.540)
0.100
(2.540)
0.190 MAX.
(4.826)
0.040
(1.016)
0.020 TYP.
(0.508)
0.020
(0.508)
24
13
12
1
PIN 1
INDEX
0.130 TYP.
(3.302)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
0.060 TYP.
(1.524)
0.010 TYP.
(0.254)
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
ISO 9001
ISO 9001
REGI
ST ERED
DS-0319B
9/04
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
E-mail:sales@datel.com
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-6354-2025
®
®
A SUBSIDIARY OF C&D TECHNOLOGIES


Similar Part No. - ADS-919MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-919MC ETC-ADS-919MC Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919MC MURATA-PS-ADS-919MC Datasheet
192Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-919MC DATEL-ADS-919MC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-919MC-C DATEL-ADS-919MC-C Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-919MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-929 MURATA-PS-ADS-929 Datasheet
192Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-942A ETC1-ADS-942A Datasheet
76Kb / 6P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
   14-Bit, 2MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-117 MURATA-PS-ADS-117 Datasheet
153Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-932 MURATA-PS-ADS-932 Datasheet
166Kb / 11P
   16-Bit, 2MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-926 MURATA-PS-ADS-926 Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com