Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-927 Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # ADS-927
Description  14-Bit, 1MHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-927 Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  ADS-927 Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-927 Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-927 Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-927 Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-927 Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-927 Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-927 Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-927 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
®
®
ADS-927
5
THERMAL REQUIREMENTS
All DATEL sampling A/D converters are fully characterized and
specified over operating temperature (case) ranges of
0 to +70°C and –55 to +125°C. All room-temperature
(TA = +25°C) production testing is performed without the use of
heat sinks or forced-air cooling. Thermal impedance figures
for each device are listed in their respective specification
tables.
These devices do not normally require heat sinks, however,
standard precautionary design and layout procedures should
be used to ensure devices do not overheat. The ground and
power planes beneath the package, as well as all pcb signal
runs to and from the device, should be as heavy as possible to
help conduct heat away from the package.
Electrically-insulating, thermally-conductive "pads" may be
installed underneath the package. Devices should be
soldered to boards rather than "socketed", and of course,
minimal air flow over the surface can greatly help reduce the
package temperature.
In more severe ambient conditions, the package/junction
temperature of a given device can be reduced dramatically
(typically 35%) by using one of DATEL's HS Series heat sinks.
See Ordering Information for the assigned part number. See
page 1-183 of the DATEL Data Acquisition Components
Catalog for more information on the HS Series. Request
DATEL Application Note AN-8, "Heat Sinks for DIP Data
Converters", or contact DATEL directly, for additional
information.
Figure 4. ADS-927 Timing Diagram
Notes: 1. fs = 1MHz.
2. The ADS-927 is a pulse-triggered device. Its internal operations
are triggered by both the rising and falling edges of the start
convert pulse. When sampling at 1MHz, the start pulse must be
between 175 and 225nsec wide. For lower sampling rates, wider
start pulses may be used, however, a minimum pulse width low of
50nsec must be maintained.
START
CONVERT
OUTPUT
DATA
INTERNAL S/H
N
N + 1
Data (N – 1) Valid
Acquisition Time
10ns
typ.
Data N Valid (850ns min.)
EOC
Conversion Time
Invalid
Data
150ns max.
10ns typ.
390ns ±55ns
35ns max.
Hold
200ns
±25ns
610ns typ.
480ns ±20ns
70ns ±10ns


Similar Part No. - ADS-927

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-927-C/883 DATEL-ADS-927-C/883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-927-C883 DATEL-ADS-927-C883 Datasheet
106Kb / 1P
   Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-927/883 ETC-ADS-927/883 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-927/883 MURATA-PS-ADS-927/883 Datasheet
191Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
More results

Similar Description - ADS-927

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-917 MURATA-PS-ADS-917 Datasheet
191Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com