Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-927GM Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # ADS-927GM
Description  14-Bit, 1MHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-927GM Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

  ADS-927GM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-927GM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-927GM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-927GM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-927GM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-927GM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-927GM Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-927GM Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.600 ±0.010
(15.240)
0.80 MAX.
(20.32)
0.100 TYP.
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.100
(2.540)
0.040
(1.016)
1.31 MAX.
(33.27)
1
12
13
24
1.100
(27.940)
0.190 MAX.
(4.826)
0.010
(0.254)
+0.002
–0.001
SEATING
PLANE
0.025
(0.635)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
PIN 1 INDEX
®
®
ADS-917
MECHANICAL DIMENSIONS INCHES (mm)
ORDERING INFORMATION
MODEL
OPERATING
ANALOG
NUMBER
TEMP. RANGE
INPUT
ADS-917MC
0 to +70°C
Unipolar (0 to +10V)
ADS-917MM
–55 to +125°C
Unipolar (0 to +10V)
ADS-917GC
0 to +70°C
Unipolar (0 to +10V)
ADS-917GM
–55 to +125°C
Unipolar (0 to +10V)
ADS-927MC
0 to +70°C
Bipolar (±5V)*
ADS-927MM
–55 to +125°C
Bipolar (±5V)*
ADS-927GC
0 to +70°C
Bipolar (±5V)*
ADS-927GM
–55 to +125°C
Bipolar (±5V)*
ADS-927/883
–55 to +125°C
Bipolar (±5V)*
24-Pin DDIP
Versions
ADS-917MC
ADS-917MM
ADS-927MC
ADS-927MM
ADS-927/883
24-Pin
Surface Mount
Versions
ADS-917GC
ADS-917GM
ADS-927GC
ADS-927GM
ACCESSORIES
ADS-B916/917
Evaluation Board (without ADS-917)
HS-24
Heat Sinks for all ADS-917/927 DDIP models
0.80 MAX.
(20.32)
0.015
(0.381)
MAX. radius
for any pin
1.31 MAX.
(33.02)
0.100 TYP.
(2.540)
0.100
(2.540)
0.190 MAX.
(4.826)
0.040
(1.016)
0.020 TYP.
(0.508)
0.020
(0.508)
24
13
12
1
PIN 1
INDEX
0.130 TYP.
(3.302)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
0.060 TYP.
(1.524)
0.010 TYP.
(0.254)
®
®
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
ISO 9001
ISO 9001
REGISTERED
DS-0293B
11/96
Receptacles for PC board mounting can be ordered through
AMP Inc. Part #3-331272-8 (Component Lead Socket), 24 required.
For MIL-STD-883 product specifications, contact DATEL.
* For information, see ADS-927 data sheet.
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com E-mail:sales@datel.com
Data Sheet Fax Back: (508) 261-2857
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025


Similar Part No. - ADS-927GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-927GM ETC-ADS-927GM Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-927GM MURATA-PS-ADS-927GM Datasheet
152Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-927GM DATEL-ADS-927GM Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-927GM-C DATEL-ADS-927GM-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-927GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-927 MURATA-PS-ADS-927 Datasheet
152Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com