Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ACT16651 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54ACT16651
Description  16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ACT16651 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54ACT16651 Datasheet HTML 2Page - Texas Instruments SN54ACT16651 Datasheet HTML 3Page - Texas Instruments SN54ACT16651 Datasheet HTML 4Page - Texas Instruments SN54ACT16651 Datasheet HTML 5Page - Texas Instruments SN54ACT16651 Datasheet HTML 6Page - Texas Instruments SN54ACT16651 Datasheet HTML 7Page - Texas Instruments SN54ACT16651 Datasheet HTML 8Page - Texas Instruments SN54ACT16651 Datasheet HTML 9Page - Texas Instruments SN54ACT16651 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SN54ACT16651, 74ACT16651
16-BIT TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS449A – FEBRUARY 1993 – REVISED APRIL 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54ACT16651
74ACT16651
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IOH =50 µA
4.5 V
4.4
4.4
4.4
IOH = –50 µA
5.5 V
5.4
5.4
5.4
VOH
IOH =24 mA
4.5 V
3.94
3.7
3.8
V
VOH
IOH = –24 mA
5.5 V
4.94
4.7
4.8
V
IOH = –50 mA†
5.5 V
3.85
IOH = –75 mA†
5.5 V
3.85
IOL =50 µA
4.5 V
0.1
0.1
0.1
IOL = 50 µA
5.5 V
0.1
0.1
0.1
VOL
IOL =24mA
4.5 V
0.36
0.5
0.44
V
VOL
IOL = 24 mA
5.5 V
0.36
0.5
0.44
V
IOL = 50 mA†
5.5 V
1.65
IOL = 75 mA†
5.5 V
1.65
II
Control inputs
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
IOZ‡
A or B ports
VO = VCC or GND
5.5 V
±0.5
±10
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
160
80
µA
∆ICC§
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
0.9
1
1
mA
Ci
Control inputs
VI = VCC or GND
5 V
4
pF
Cio
A or B ports
VO = VCC or GND
5 V
12
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
timing requirements over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
TA = 25°C
SN54ACT16651
74ACT16651
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
90
0
90
0
90
MHz
tw
Pulse duration, CLKAB or CLKBA high or low
5.5
5.5
5.5
ns
tsu
Setup time, A before CLKAB
↑ or B before CLKBA↑
5.3
5.3
5.3
ns
th
Hold time, A after CLKAB
↑ or B after CLKBA↑
1
1
1
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54ACT16651

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT16651 TI1-SN54ACT16651 Datasheet
375Kb / 13P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
APRIL 1996
SN54ACT16651 TI1-SN54ACT16651_06 Datasheet
375Kb / 13P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
APRIL 1996
More results

Similar Description - SN54ACT16651

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16652 TI-54ACT16652 Datasheet
198Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ACT16651 TI1-SN54ACT16651_06 Datasheet
375Kb / 13P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
APRIL 1996
logo
Fairchild Semiconductor
74ABT16646 FAIRCHILD-74ABT16646 Datasheet
84Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
74ABT16652 FAIRCHILD-74ABT16652 Datasheet
92Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652_08 Datasheet
383Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI-54ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646_08 Datasheet
390Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com