Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-931 Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # ADS-931
Description  16-Bit, 1MHz Sampling A/D Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-931 Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  ADS-931 Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-931 Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-931 Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-931 Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-931 Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-931 Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-931 Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-931 Datasheet HTML 8Page - Murata Power Solutions Inc. ADS-931 Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ADS-931
®
®
4
DELAY
PIN
TRANSITION
MIN.
TYP.
MAX.
UNITS
Direct mode to FIFO enabled
8
10
20
ns
FIFO enabled to direct mode
8
10
20
ns
FIFO READ to output data valid
9
40
ns
FIFO READ to status update when changing
from <half full (1 word) to empty
9
20
ns
FIFO READ to status update when changing
from
≥half full (8 words) to <half full (7 words)
9
110
ns
FIFO READ to status update when changing
from full (16 words) to
≥half full (15 words)
9
190
ns
Falling edge of EOC to status update when writing
first word into empty FIFO
32
190
ns
Falling edge of EOC to status update when
changing FIFO from <half full (7 words) to
32
110
ns
≥half full (8 words)
Falling edge of EOC to status update when filling
FIFO with 16th word
32
28
ns
When the FIFO is initially empty, digital data from the first
conversion (the "oldest" data) appears at the output of the
FIFO immediately after the first conversion has been
completed and remains there until the FIFO is read.
If the output three-state register has been enabled (logic "0"
applied to pin 34), data from the first conversion will appear at
the output of the ADS-931. Attempting to write a 17th word to a
full FIFO will result in that data, and any subsequent conversion
data, being lost.
Once the FIFO is full (indicated by FSTAT1 and FSTAT2 both
equal to "1"), it can be read by dropping the FIFO READ line
(pin 9) to a logic "0" and then applying a series of 15 rising
edges to the read line. Since the first data word is already
present at the FIFO output, the first read command (the first
rising edge applied to FIFO READ) will bring data from the
second conversion to the output. Each subsequent read
command/rising edge brings the next word to the output lines.
After the 15th rising edge brings the 16th data word to the
FIFO output, the subsequent falling edge on READ will update
the status outputs (after a 20ns maximum delay) to FSTAT1 =
0, FSTAT2 = 1 indicating that the FIFO is empty.
If a read command is issued after the FIFO empties, the last
word (the 16th conversion) will remain present at the outputs.
FIFO Reset Feature
At any time, the FIFO can be reset to an empty state by putting
the ADS-931 into its "direct" mode (logic "0" applied to pin 8,
FIFO/DIR) and also applying a logic "0" to the FIFO READ line
(pin 9). The empty status of the FIFO will be indicated by
FSTAT1 going to a "0" and FSTAT2 going to a "1". The status
outputs change 40ns after applying the control signals.
FIFO Status, FSTAT1 and FSTAT2
Monitor the status of the data in the FIFO by reading the two
status pins, FSTAT1 (pin 10) and FSTAT2 (pin 11).
CONTENTS
FSTAT1
FSTAT2
Empty (0 words)
0
1
<half full (<8 words)
0
0
half-full or more (
≥8 words)
1
0
Full (16 words)
1
1
Table 1. FIFO Delays
1
0
0
1
1
0
0
1
0
1
0
1
0
1
1
0
1
0
6. Do not enable/disable or complement the output bits or read
from the FIFO during the conversion process (from the rising
edge of EOC to the falling edge of EOC).
7. The OVERFLOW bit (pin 33) switches from 0 to 1 when the
input voltage exceeds that which produces an output of all
1’s or when the input equals or exceeds the voltage that
produces all 0’s. When COMP BITS is activated, the above
conditions are reversed.
8. When configuring the ADS-931 for the unipolar mode, Pin 1
(+3.2V REF.) should be connected to Pin 2 (Unipolar) through
a non-inverting op-amp. For precision DC applications an OP-
07 type amplifier is recommended, while AC applications
requiring the lowest level of harmonic distortion should
consider the AD9631.
When configuring the ADS-931 for the bipolar mode, Pin 2
(Unipolar) should be physically disconnected from the
surrounding circuitry. This will help prevent noise from
coupling into the A/D.
INTERNAL FIFO OPERATION
The ADS-931 contains an internal, user-initiated, 18-bit, 16-word
FIFO memory. Each word in the FIFO contains the 16 data bits
as well as the MSB and overflow bits. Pins 8 (FIFO/DIR) and 9
(FIFO READ) control the FIFO's operation. The FIFO's status
can be monitored by reading pins 10 (FSTAT1) and 11 (FSTAT2).
When pin 8 (FIFO/DIR) has a logic "1" applied, the FIFO is
inserted into the digital data path. When pin 8 has a logic "0"
applied, the FIFO is transparent and the output data goes
directly to the output three-state register (whose operation is
controlled by pin 34 (ENABLE)). Read and write commands
to the FIFO are ignored when the ADS-931 is operated in the
"direct" mode. It takes a maximum of 20ns to switch the FIFO
in or out of the ADS-931’s digital data path.
FIFO Write and Read Modes
Once the FIFO has been enabled (pin 8 high), digital data is
automatically written to it, regardless of the status of FIFO
READ (pin 9). Assuming the FIFO is initially empty, it will
accept data (18-bit words) from the next 16 consecutive A/D
conversions. As a precaution, pin 9 (which controls the
FIFO's READ function) should not be low when data is first
written to an empty FIFO.


Similar Part No. - ADS-931

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADS-931-C/883 DATEL-ADS-931-C/883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-931-C883 DATEL-ADS-931-C883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-931/883 DATEL-ADS-931/883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-931883 DATEL-ADS-931883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-931MC DATEL-ADS-931MC Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-931

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-937 MURATA-PS-ADS-937 Datasheet
740Kb / 8P
   16-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-953 MURATA-PS-ADS-953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com