Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-942MC Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # ADS-942MC
Description  14-Bit, 2MHz Sampling A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-942MC Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  ADS-942MC Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-942MC Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-942MC Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-942MC Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-942MC Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-942MC Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
®
ADS-942
14-Bit, 2MHz
Sampling A/D Converters
FEATURES
• 14-bit resolution
• 2MHz minimum throughput
• Functionally complete
• Internal reference and sample/hold
• -85dB total harmonic distortion
• 78dB signal-to-noise ratio
• Full Nyquist-rate sampling
• Small 32-pin DIP
• Low-power, 2.9 Watts
GENERAL DESCRIPTION
DATEL's ADS-942 is a functionally complete, 14-bit, 2MHz,
sampling A/D converter. Its standard, 32-pin, triple-wide
ceramic DIP contains a fast-settling sample/hold amplifier, a
14-bit subranging (two-pass) A/D converter, a precision
reference, three-state output register and all the timing and
control logic necessary to operate from a single start
convert pulse.
The ADS-942 is optimized for wideband frequency-domain
applications and is fully FFT tested. The ADS-942 requires
±15V and +5V supplies and typically consumes 2.9 Watts.
INPUT/OUTPUT CONNECTIONS
1
+10V REF. OUT
32
START CONVERT
2
BIPOLAR
31
BIT 1 OUT (MSB)
3
ANALOG INPUT
30
BIT 1 OUT (MSB)
4
SIGNAL GROUND
29
BIT 2 OUT
5
OFFSET ADJUST
28
BIT 3 OUT
6
ANALOG GROUND
27
BIT 4 OUT
7
OVERFLOW
26
BIT 5 OUT
8
CODING SELECT
25
BIT 6 OUT
9
ENABLE
24
BIT 7 OUT
10
+5V SUPPLY
23
BIT 8 OUT
11
DIGITAL GROUND
22
BIT 9 OUT
12
+15V SUPPLY
21
BIT 10 OUT
13
–15V SUPPLY
20
BIT 11 OUT
14
ANALOG GROUND
19
BIT 12 OUT
15
ANALOG GROUND
18
BIT 13 OUT
16
EOC
17
BIT 14 OUT (LSB)
PIN
FUNCTION
PIN
FUNCTION
Figure 1. ADS-942 Functional Block Diagram
REF
31 BIT 1 OUT (MSB)
30 BIT 1 OUT (MSB)
29 BIT 2 OUT
28 BIT 3 OUT
27 BIT 4 OUT
26 BIT 5 OUT
25 BIT 6 OUT
24 BIT 7 OUT
23 BIT 8 OUT
22 BIT 9 OUT
21 BIT 10 OUT
20 BIT 11 OUT
19 BIT 12 OUT
18 BIT 13 OUT
17 BIT 14 OUT (LSB)
TIMING AND
CONTROL LOGIC
+10V REF. OUT 1
START CONVERT 32
EOC 16
DAC
FLASH
ADC
BUFFER
ANALOG INPUT 3
S2
S1
4
SIGNAL
GROUND
11
DIGITAL
GROUND
12
+15V
SUPPLY
S/H
OFFSET
CIRCUIT
BIPOLAR 2
OFFSET ADJUST 5
10
+5V
SUPPLY
6, 14, 15
ANALOG
GROUND
8
CODING
SELECT
13
–15V
SUPPLY
9 ENABLE
7 OVERFLOW
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.)
• Tel: (508) 339-3000 Fax: (508) 339-6356 • For immediate assistance: (800) 233-2765


Similar Part No. - ADS-942MC

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADS-942MC DATEL-ADS-942MC Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-942MC-C DATEL-ADS-942MC-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-942MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-929 MURATA-PS-ADS-929 Datasheet
192Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-942A ETC1-ADS-942A Datasheet
76Kb / 6P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-932 MURATA-PS-ADS-932 Datasheet
166Kb / 11P
   16-Bit, 2MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com