Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-944MC Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # ADS-944MC
Description  14-Bit, 5MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-944MC Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  ADS-944MC Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-944MC Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-944MC Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-944MC Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-944MC Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-944MC Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-944MC Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-944MC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADS-944
3
®
®
+25°C
0 to +70°C
–55 to +125°C
DYNAMIC PERFORMANCE cont.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
S/H Acquisition Time
( to ±0.003%FSR, 2.5V step)
85
90
85
90
85
90
ns
Overvoltage Recovery Time 
200
200
200
ns
A/D Conversion Rate
5
5
5
MHz
DIGITAL OUTPUTS
Logic Levels
Logic "1"
+2.4
+2.4
+2.4
Volts
Logic "0"
+0.4
+0.4
+0.4
Volts
Logic Loading "1"
–4
–4
–4
mA
Logic Loading "0"
+4
+4
+4
mA
Delay, Edge of ENABLE
to Output Data Valid/Invalid
10
10
10
ns
Output Coding
Offset Binary, Complementary Offset Binary, Two's Complement
POWER REQUIREMENTS
Power Supply Ranges ‘
+15V Supply
+14.25
+15.0
+15.75
+14.25
+15.0
+15.75
+14.25
+15.0
+15.75
Volts
–15V Supply
–14.25
–15.0
–15.75
–14.25
–15.0
–15.75
–14.25
–15.0
–15.75
Volts
+5V Supply
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
+4.9
+5.0
+5.25
Volts
–5V Supply
–4.95
–5.2
–5.45
–4.95
–5.2
–5.45
–5.1
–5.2
–5.45
Volts
Power Supply Currents ’
+15V Supply
+36
+45
+36
+45
+36
+45
mA
–15V Supply
–55
–65
–55
–65
–55
–65
mA
+5V Supply
+155
+168
+155
+168
+155
+168
mA
–5.2V Supply
–167
–175
–167
–175
–167
–175
mA
Power Dissipation
2.95
3.3
2.95
3.3
2.95
3.3
Watts
Power Supply Rejection
±0.05
±0.05
±0.05
%FSR/%V
TECHNICAL NOTES
1. Obtaining fully specified performance from the ADS-944
requires careful attention to pc-card layout and power
supply decoupling. The device's analog and digital ground
systems are not connected to each other internally. For
optimal performance, tie all ground pins (4, 6, 11, and 15)
directly to a large analog ground plane beneath the
package. Bypass all power supplies to ground with 4.7µF
tantalum capacitors in parallel with 0.1µF ceramic capaci-
tors. It is very important that the bypass capacitors be
located as close to the unit as possible. Inductors or
ferrite beads can also be used to improve the power supply
filtering. Refer to Figure 4, the ADS-944 Evaluation Board
Schematic, for more details.
2. The ADS-944 achieves its specified accuracies without the
need for external calibration. If required, the device's small
initial offset and gain errors can be reduced to zero using
the adjustment circuitry shown in Figure 2. When using this
circuitry, or any similar offset and gain-calibration hardware,
make adjustments following warmup. To avoid interaction,
always adjust offset before gain.
3. Pin 8 (COMP. BITS) selects the ADS-944's digital output
coding. When a logic "1" is applied to pin 8, the output
coding is complementary offset binary. When pin 8 has a
logic "0" applied, the output coding becomes offset binary.
The MSB output (pin 31) may be used under these condi-
tions to achieve two's complement coding. Pin 8 is TTL-
compatible and can be driven with digital logic for those who
want dynamic control of its function. There is an internal
pull-up resistor on this pin, allowing pin 8 to be either
connected to +5V or left open when a logic "1" is needed.
4. To enable the three-state outputs, apply a logic "0" (low) to
OUTPUT ENABLE (pin 9). To disable, apply a logic "1"
(high) to pin 9.
Footnotes:
ΠAll power supplies should be on before applying a start convert pulse. All
supplies and the clock (start convert pulses) must be present during warmup
periods. The device must be continuously converting during this time.
 When COMP. BITS (pin 8) is low, logic loading "0" will be –350µA for this pin.
Ž An 80ns wide start convert pulse is used for all production testing. The start
convert pulse should be between 40 – 80ns or 130 – 160ns to ensure proper
operations. The latter range could be used for those applications requiring less
than a 5MHz sampling rate.
6.02
(SNR + Distortion) – 1.76 +
20 log
Full Scale Amplitude
Actual Input Amplitude
 Effective bits is equal to:
 This is the time required before the A/D output is valid after the analog input is
back within its range.
‘ The minimum supply voltages of +4.9V and –5.1V for ±VDD are required for
–55°C operations only. The minimum limits are +4.75V and –4.95V when
operating at +125°C.
’ Typical +5V and –5.2V current drain breakdowns are as follows:
+5VAnalog = +85mA
–5.2VAnalog = –114mA
+5VDigital = +70mA
–5.2VDigital = –53mA
+5VTotal = +155mA
–5.2VTotal = –167mA


Similar Part No. - ADS-944MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-944MC ETC-ADS-944MC Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-944MC DATEL-ADS-944MC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-944MC-C DATEL-ADS-944MC-C Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-944MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
   12-Bit, 5MHz and 9MHz Sampling A/D Converters
ADS-118 MURATA-PS-ADS-118 Datasheet
181Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-947 MURATA-PS-ADS-947 Datasheet
216Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com