Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-945EX Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # ADS-945EX
Description  14-Bit, 10MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-945EX Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  ADS-945EX Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-945EX Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-945EX Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-945EX Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-945EX Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-945EX Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-945EX Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-945EX Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADS-945
7
®®
Figure 7. ADS-945 Histogram and Differential Nonlinearity
Figure 8. ADS-945 Dynamic Performance vs. Input Frequency at +25°C
0
Digital Output Code
0
16,384
+0.39
0
–0.29
16,384
Digital Output Code
SNR+D vs. Input Frequency
SNR vs. Input Frequency
THD vs. Input Frequency
1
10
100
1000
10000
100000
Frequency (kHz)
90
80
70
60
50
40
30
20
10
0
PH vs. Input Frequency
1
10
100
1000
10000
100000
Frequency (kHz)
90
80
70
60
50
40
30
20
10
0
1
10
100
1000
10000
100000
Frequency (kHz)
90
80
70
60
50
40
30
20
10
0
1
10
100
1000
10000
100000
Frequency (kHz)
90
80
70
60
50
40
30
20
10
0


Similar Part No. - ADS-945EX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-945EX ETC1-ADS-945EX Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-945EX DATEL-ADS-945EX Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-945EX-C DATEL-ADS-945EX-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-945EX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-947 MURATA-PS-ADS-947 Datasheet
216Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-119 MURATA-PS-ADS-119 Datasheet
136Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com