Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-946MM Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # ADS-946MM
Description  14-Bit, 8MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-946MM Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  ADS-946MM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-946MM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-946MM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-946MM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-946MM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-946MM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-946MM Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-946MM Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADS-946
2
®
®
PARAMETERS
MIN.
TYP.
MAX.
UNITS
Operating Temp. Range, Case
ADS-946MC, GC
0
+70
°C
ADS-946MM, GM, 883, G/883
–55
+125
°C
Thermal Impedance
θjc
6
°C/Watt
θca
23
°C/Watt
Storage Temperature Range
–65
+150
°C
Package Type
24-pin, metal-sealed, ceramic DDIP or SMT
Weight
0.42 ounces (12 grams)
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+5V Supply (Pins 13, 22)
0 to +6
Volts
–5V Supply (Pin 20)
0 to –6
Volts
Digital Input (Pin 18)
–0.3 to +VDD +0.3
Volts
Analog Input (Pin 21)
±5
Volts
Lead Temperature (10 seconds)
+300
°C
PHYSICAL/ENVIRONMENTAL
+25°C
0 to +70°C
–55 to +125°C
ANALOG INPUT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Input Voltage Range 
±2
±2
±2
Volts
Input Resistance
200
200
200
Input Capacitance
6
15
6
15
6
15
pF
DIGITAL INPUT
Logic Levels
Logic "1"
+2.0
+2.0
+2.0
Volts
Logic "0"
+0.8
+0.8
+0.8
Volts
Logic Loading "1"
+20
+20
+20
µA
Logic Loading "0"
–20
–20
–20
µA
Start Convert Positive Pulse Width Ž
10
20
10
20
10
20
ns
STATIC PERFORMANCE
Resolution
14
14
14
Bits
Integral Nonlinearity (fin = 10kHz)
±0.75
±0.75
±1
LSB
Differential Nonlinearity (fin = 10kHz)
–0.95
±0.5
+1.25
–0.95
±0.5
+1.25
–0.95
±0.75
+1.99
LSB
Full Scale Absolute Accuracy
±0.15
±0.4
±0.15
±0.4
±0.4
±0.8
%FSR
Bipolar Zero Error (Tech Note 2)
±0.2
±0.4
±0.2
±0.4
±0.4
±0.65
%FSR
Gain Error (Tech Note 2)
±0.2
±0.75
±0.2
±0.75
±0.4
±1.25
%
No Missing Codes (fin = 10kHz)
14
14
14
Bits
DYNAMIC PERFORMANCE
Peak Harmonics (–0.5dB)
dc to 500kHz
–76
–72
–76
–72
–74
–70
dB
500kHz to 1MHz
–75
–72
–75
–72
–74
–68
dB
1MHz to 4MHz
–75
–71
–75
–71
–69
–65
dB
Total Harmonic Distortion (–0.5dB)
dc to 500kHz
–75
–71
–75
–71
–74
–70
dB
500kHz to 1MHz
–75
–70
–75
–70
–72
–68
dB
1MHz to 4MHz
–75
–70
–75
–70
–69
–64
dB
Signal-to-Noise Ratio
(w/o distortion, –0.5dB)
dc to 500kHz
73
77
73
77
72
76
dB
500kHz to 1MHz
73
77
73
77
72
76
dB
1MHz to 4MHz
73
77
73
77
72
76
dB
Signal-to-Noise Ratio 
(& distortion, –0.5dB)
dc to 500kHz
70
74
70
74
68
73
dB
500kHz to 1MHz
69
73
69
73
65
70
dB
1MHz to 4MHz
69
73
69
73
65
70
dB
Noise
150
150
150
µVrms
Two-Tone Intermodulation
Distortion (fin = 2.45MHz,
1.975MHz, fs = 8MHz, –0.5dB)
–82
–82
–82
dB
Input Bandwidth (–3dB)
Small Signal (–20dB input)
30
30
30
MHz
Large Signal (–0.5dB input)
10
10
10
MHz
Feedthrough Rejection (fin = 4MHz)
85
85
85
dB
Slew Rate
±400
±400
±400
V/µs
Aperture Delay Time
+5
+5
+5
ns
Aperture Uncertainty
2
2
2
ps rms
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, ±VDD = ±5V, 8MHz sampling rate, and a minimum 3 minute warmup Œ unless otherwise specified.)


Similar Part No. - ADS-946MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-946MM ETC-ADS-946MM Datasheet
136Kb / 8P
   ADS-946 14-Bit, 8MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-946MM DATEL-ADS-946MM Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-946MM-C DATEL-ADS-946MM-C Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-946MM-QL-C DATEL-ADS-946MM-QL-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-946MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-946 ETC-ADS-946 Datasheet
136Kb / 8P
   ADS-946 14-Bit, 8MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-947 MURATA-PS-ADS-947 Datasheet
216Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
   14-Bit, 2MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com