Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-947ME Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # ADS-947ME
Description  14-Bit, 10MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-947ME Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  ADS-947ME Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-947ME Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-947ME Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-947ME Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-947ME Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-947ME Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-947ME Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-947ME Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADS-947
6
®®
Figure 5. FFT Analysis of ADS-947
(fs = 8MHz, fin = 3.85MHz, Vin = –0.5dB, 16,384 point FFT)
Figure 6. ADS-947 Histogram and Differential Nonlinearity


Similar Part No. - ADS-947ME

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADS-947ME DATEL-ADS-947ME Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-947ME-C DATEL-ADS-947ME-C Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-947ME-QL DATEL-ADS-947ME-QL Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-947ME-QL-C DATEL-ADS-947ME-QL-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-947ME

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-119 MURATA-PS-ADS-119 Datasheet
136Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com