Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-949MC Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # ADS-949MC
Description  14 Bit, 12.8MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-949MC Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  ADS-949MC Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-949MC Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-949MC Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-949MC Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-949MC Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-949MC Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-949MC Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-949MC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MDC_ADS-949.B01 Page 1 of 8
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
ADS 949
14 Bit, 12.8MHz
Sampling A/D Converters
Figure 1. ADS-949 Functional Block Diagram
FEATURES
• 14-bit resolution
• 12.8MHz minimum sampling rate
• No missing codes over full military temperature range
• Ideal for both time and frequency-domain applications
• Excellent THD (–81dB) and SNR (78dB)
• Edge-triggered
• Small, 32-pin, side-brazed, ceramic TDIP or SMT
• Low-power, 2 Watts
• Low cost
GENERAL DESCRIPTION
The low-cost ADS-949 is a 14-bit, 12.8MHz sampling A/D
converter. This device accurately samples full-scale input
signals up to Nyquist frequencies with no missing codes.
Excellent differential nonlinearity error (DNL), signal-to-noise
ratio (SNR), and total harmonic distortion (THD) make the
ADS-949 the ideal choice for both time-domain (CCD/FPA
imaging, scanners, process control) and frequency-domain
(radar, telecommunications, spectrum analysis) applications.
The functionally complete ADS-949 contains a fast-settling
sample/hold amplifier, a subranging A/D converter, an internal
reference, timing/control logic, and error-correction circuitry.
Digital input and output levels are TTL. The ADS-949 only
requires the rising edge of a start convert pulse to operate.
Requiring only +15V, +5V and –5V supplies, the ADS-949
typically dissipates just 2 Watts. The device is offered with a
Bipolar input range of ±2.5V and Unipolar range of 0 to 5 volts.
Models are available for use in either commercial (0 to +70°C)
or military (–55 to +125°C) operating temperature ranges.
A proprietary, auto-calibrating, error-correcting circuit allows
the device to achieve specified performance over the full
military temperature range.
INPUT/OUTPUT CONNECTIONS
PIN
FUNCTION
PIN
FUNCTION
1
ViN A
32
RANgE
2
ViN B
31
gAiN ADjUST
3
–5V
30
+5V ANALog
4
oFFSET ADj.
29
ANALog gND
5
RANgE REF.
28
+15V
6
2.5V REF.
27
+5V DigiTAL
7
START CoNVERT
26
DigiTAL gND
8
EoC
25
oVERFLoW
9
ENABLE
24
MSB
10
BiT 14 (LSB)
23
BiT 1 (MSB)
11
BiT 13
22
BiT 2
12
BiT 12
21
BiT 3
13
BiT 11
20
BiT 4
14
BiT 10
19
BiT 5
15
BiT 9
18
BiT 6
16
BiT 8
17
BiT 7
REF
DAC
10 BIT 14 (LSB)
11 BIT 13
12 BIT 12
13 BIT 11
14 BIT 10
15 BIT 9
16 BIT 8
17 BIT 7
18 BIT 6
19 BIT 5
20 BIT 4
21 BIT 3
22 BIT 2
23 BIT 1 (MSB)
24 MSB
TIMING AND
CONTROL LOGIC
OFFSET ADJUST 4
VIN A
1
START CONVERT 7
EOC 8
GAIN ADJUST
31
+5V ANALOG SUPPLY
30
+5V DIGITAL SUPPLY
27
V RANGE
32
–5.2V SUPPLY
3
+15V SUPPLY
28
ANALOG GROUND
29
DIGITAL GROUND
26
+
S/H
BUFFER
FLASH
ADC
1
FLASH
ADC
2
POWER AND GROUNDING
AMP
9
ENABLE
25 OVERFLOW
VIN B
2
2.5 V REF 6


Similar Part No. - ADS-949MC

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADS-949MC DATEL-ADS-949MC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-949MC-C DATEL-ADS-949MC-C Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-949MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-947 MURATA-PS-ADS-947 Datasheet
216Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-946 MURATA-PS-ADS-946 Datasheet
138Kb / 8P
   14-Bit, 8MHz Sampling A/D Converters
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
   14-Bit, 2MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com