Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-946GM Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # ADS-946GM
Description  14-Bit, 8MHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADS-946GM Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

  ADS-946GM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-946GM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-946GM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-946GM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-946GM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-946GM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-946GM Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-946GM Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADS-946
MECHANICAL DIMENSIONS INCHES (mm)
24-Pin DDIP
Versions
ADS-946MC
ADS-946MM
ADS-946/883
ORDERING INFORMATION
ACCESSORIES
ADS-B946
Evaluation Board (without ADS-946)
HS-24
Heat Sink for all ADS-946 DDIP models
24-Pin
Surface Mount
Versions
ADS-946GC
ADS-946GM
ADS-946G/883
Receptacles for pc board mounting can be ordered through AMP, Inc., Part # 3-331272-8 (Component Lead
Socket), 24 required. For MIL-STD-883 product specifcation, contact DATEL.
®
®
OPERATING
24-PIN
MODEL
TEMP. RANGE
PACKAGE
ADS-946MC
0 to +70°C
DDIP
ADS-946MM
–55 to +125°C
DDIP
ADS-946/883
–55 to +125°C
DDIP
ADS-946GC
0 to +70°C
SMT
ADS-946GM
–55 to +125°C
SMT
ADS-946G/883
–55 to +125°C
SMT
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
®
®
ISO 9001
ISO 9001
REG
ISTERED
DS-0314 03/97
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.600 ±0.010
(15.240)
0.80 MAX.
(20.32)
0.100 TYP.
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.100
(2.540)
0.040
(1.016)
1.31 MAX.
(33.27)
1
12
13
24
1.100
(27.940)
0.190 MAX.
(4.826)
0.010
(0.254)
+0.002
–0.001
SEATING
PLANE
0.025
(0.635)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum)
gold plating over 100 microinches
(nominal) nickel plating
0.80 MAX.
(20.32)
0.015
(0.381)
MAX. radius
for any pin
1.31 MAX.
(33.02)
0.100 TYP.
(2.540)
0.100
(2.540)
0.190 MAX.
(4.826)
0.040
(1.016)
0.020 TYP.
(0.508)
0.020
(0.508)
24
13
12
1
PIN 1
INDEX
0.130 TYP.
(3.302)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
0.060 TYP.
(1.524)
0.010 TYP.
(0.254)
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com E-mail:sales@datel.com
Data Sheet Fax Back: (508) 261-2857
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025


Similar Part No. - ADS-946GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-946GM ETC-ADS-946GM Datasheet
136Kb / 8P
   ADS-946 14-Bit, 8MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-946GM DATEL-ADS-946GM Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-946GM-C DATEL-ADS-946GM-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-946GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-946 ETC-ADS-946 Datasheet
136Kb / 8P
   ADS-946 14-Bit, 8MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-947 MURATA-PS-ADS-947 Datasheet
216Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
   14-Bit, 2MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com