Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GVA-83 Datasheet(PDF) 1 Page - Mini-Circuits

Part # GVA-83
Description  Monolithic Amplifier DC-7 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

GVA-83 Datasheet(HTML) 1 Page - Mini-Circuits

  GVA-83 Datasheet HTML 1Page - Mini-Circuits GVA-83 Datasheet HTML 2Page - Mini-Circuits GVA-83 Datasheet HTML 3Page - Mini-Circuits GVA-83 Datasheet HTML 4Page - Mini-Circuits GVA-83 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5 Volt-Surface Mount
Monolithic Amplifier
Page 1 of 5
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
simplified schematic and pin description
Function
Pin Number
Description
RF IN
1
RF input pin. This pin requires the use of an external DC blocking capacitor chosen
for the frequency of operation.
RF-OUT and DC-IN
3
RF output and bias pin. DC voltage is present on this pin; therefore a DC blocking
capacitor is necessary for proper operation. An RF choke is needed to feed DC bias
without loss of RF signal due to the bias connection. Rbias in series with RF choke
is required to obtain proper device voltage, as shown in “Recommended Application
Circuit”, Fig. 2
GND
2,4
Connections to ground. Use via holes as shown in “Suggested Layout for PCB
Design” to reduce ground path inductance for best performance.
DC-7 GHz
CASE STYLE: DF782
PRICE: $1.82 ea. QTY. (25)
GVA-83+
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
Product Features
• High Gain, 20 dB typ. at 100 MHz
• High Pout, P1dB 18 dBm typ.
• High IP3, 33 dBm typ. at 100 MHz
• Ruggedized Design
• 5V operation
• Unconditionally stable
• Excellent ESD Protection
• Transient protected, US patent 6,943,629
REV. OR
M122194
GVA-83+
ED-12353B/4
090327
General Description
GVA-83+ (RoHS compliant) is a wideband amplifier offering high dynamic range. Lead finish is SnAgNi.
It has repeatable performance from lot to lot and is enclosed in a SOT-89 package. It uses patented
Transient Protected Darlington configuration and is fabricated using InGaP HBT technology.
GROUND
RF IN
RF-OUT and DC-IN
Typical Applications
• Base station infrastructure
• Portable Wireless
• CATV & DBS
• MMDS & Wireless LAN
• LTE
3 R F -OUT & DC-IN
2 G R OUND
1 R F -IN
4


Similar Part No. - GVA-83

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-83++ MINI-GVA-83+ Datasheet
767Kb / 1P
   AMPLIFIERS
More results

Similar Description - GVA-83

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-84 MINI-GVA-84_15 Datasheet
242Kb / 5P
   Monolithic Amplifier DC-7 GHz
GALI-3 MINI-GALI-3 Datasheet
190Kb / 4P
   Monolithic Amplifier DC-3 GHz
GALI-4F MINI-GALI-4F Datasheet
191Kb / 4P
   Monolithic Amplifier DC-4 GHz
GALI-33 MINI-GALI-33 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-4 GHz
GALI-52 MINI-GALI-52 Datasheet
191Kb / 4P
   Monolithic Amplifier DC-2 GHz
RAM-6A MINI-RAM-6A Datasheet
203Kb / 3P
   Monolithic Amplifier DC-2 GHz
VAM-7 MINI-VAM-7 Datasheet
212Kb / 4P
   Monolithic Amplifier DC-2 GHz
MAR-4 MINI-MAR-4 Datasheet
239Kb / 4P
   Monolithic Amplifier DC-1 GHz
VAM-6 MINI-VAM-6 Datasheet
201Kb / 4P
   Monolithic Amplifier DC-2 GHz
GALI-2 MINI-GALI-2 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-8 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com