Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JDC-10-2+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # JDC-10-2+
Description  Directional Coupler 50廓 5 to 750 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JDC-10-2+ Datasheet(HTML) 1 Page - Mini-Circuits

  JDC-10-2+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
A
B
C
D
E
F
G
.280
.310
--
.100
.225
.055
.100
7.11
7.87
--
2.54
5.72
1.40
2.54
H
J
K
L
wt
.047
.065
.065
.300
grams
1.19
1.65
1.65
7.62
0.45
50Ω
5 to 750 MHz
Directional Coupler
Surface Mount
CASE STYLE: BH292
PRICE: $13.60 ea. QTY (25-49)
Demo Board MCL P/N: TB-185
Suggested PCB Layout (PL-046)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
INPUT
1
OUTPUT
6
COUPLED
3
GROUND
2,5
ISOLATE (DO NOT USE)
4
Outline Drawing
Directional Coupler Electrical Specifications
REV. D
M119986
ED-4936
JDC-10-2
WZ/TD/CP/AM
081111
Typical Performance Data
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
JDC-10-2+
JDC-10-2
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Features
• wideband, 5 to 750 MHz
• low mainline loss, 1.0 dB typ.
• high directivity, 20 dB typ.
• good VSWR, 1.13 typ.
• excellent solderability
Applications
• communications
• VHF/UHF
JDC-10-2
MAINLINE LOSS
0.0
0.3
0.6
0.9
1.2
1.5
0
150
300
450
600
750
FREQUENCY (MHz)
at RF level of -10 dBm
JDC-10-2
COUPLING & DIRECTIVITY
0
10
20
30
40
50
0
150
300
450
600
750
FREQUENCY (MHz)
COUPLING
DIRECTIVITY
at RF level of -10 dBm
JDC-10-2
RETURN LOSS
0
10
20
30
40
50
60
0
150
300
450
600
750
FREQUENCY (MHz)
IN
OUT
CPL
at RF level of -10 dBm
Frequency
(MHz)
Mainline Loss
(dB)
In-Out
Coupling
(dB)
In-Cpl
Directivity
(dB)
In
Return Loss
(dB)
Out
Cpl
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
Electrical Schematic
5.00
0.85
9.64
20.74
22.23
32.79
21.36
23.00
0.85
9.66
21.03
22.49
34.45
21.91
41.00
0.88
9.65
20.93
22.53
34.69
21.90
100.00
0.91
9.69
20.61
22.82
34.29
21.73
200.00
0.93
9.77
20.21
23.77
32.59
21.09
315.00
0.92
9.91
19.55
25.35
30.59
20.08
405.00
0.97
9.98
19.10
26.82
29.48
19.17
555.00
0.99
10.02
18.32
29.22
28.21
17.76
690.00
1.08
10.06
17.53
30.09
27.10
16.66
750.00
1.12
10.01
17.13
29.75
26.46
16.22
FREQ.
(MHz)
COUPLING
(dB)
MAINLINE LOSS1
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
POWER
INPUT, W
Nom.
Flatness
L
M
U
L
M
U
L
MU
f
L-fU
Typ. Max. Typ. Max. Typ. Max. Typ. Min. Typ. Min. Typ. Min.
Typ.
Max. Max.
5-750
10.0±0.5
±0.6
1.0
1.5
1.0
1.5
1.0
1.5
20
15
20
17
20
16
1.13
1.0
1.0
L = 5-50 MHz
M = 50-375 MHz
U = 375-750 MHz
1. Mainline loss includes theoretical power loss at coupled port.


Similar Part No. - JDC-10-2+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JDC-10-4 MINI-JDC-10-4 Datasheet
311Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
JDC-10-4++ MINI-JDC-10-4+ Datasheet
311Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
JDC-10-4-75 MINI-JDC-10-4-75 Datasheet
317Kb / 1P
   Directional Coupler 75廓 10 to 1000 MHz
JDC-10-4-75++ MINI-JDC-10-4-75+ Datasheet
317Kb / 1P
   Directional Coupler 75廓 10 to 1000 MHz
More results

Similar Description - JDC-10-2+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JDC-20-1W MINI-JDC-20-1W Datasheet
307Kb / 1P
   Directional Coupler 50廓 50 to 750 MHz
TCD-10-1W MINI-TCD-10-1W Datasheet
286Kb / 1P
   Directional Coupler 50廓 10 to 750 MHz
ADC-20-4 MINI-ADC-20-4 Datasheet
240Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-6-1R MINI-ADC-6-1R Datasheet
255Kb / 1P
   Directional Coupler 50廓 5 to 200 MHz
ADC-10-1R MINI-ADC-10-1R Datasheet
254Kb / 1P
   Directional Coupler 50廓 5 to 900 MHz
LRDC-10-1 MINI-LRDC-10-1 Datasheet
274Kb / 1P
   Directional Coupler 50廓 5 to 500 MHz
ADC-10-4 MINI-ADC-10-4 Datasheet
261Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-15-4 MINI-ADC-15-4 Datasheet
240Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
TCD-9-1W MINI-TCD-9-1W Datasheet
285Kb / 1P
   Directional Coupler 50廓 5 to 2000 MHz
TCD-18-4 MINI-TCD-18-4 Datasheet
281Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com