Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSD-1402S-EX Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # ADSD-1402S-EX
Description  Dual, 14-Bit, 2MSPS Sampling A/D Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADSD-1402S-EX Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  ADSD-1402S-EX Datasheet HTML 1Page - Murata Power Solutions Inc. ADSD-1402S-EX Datasheet HTML 2Page - Murata Power Solutions Inc. ADSD-1402S-EX Datasheet HTML 3Page - Murata Power Solutions Inc. ADSD-1402S-EX Datasheet HTML 4Page - Murata Power Solutions Inc. ADSD-1402S-EX Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
®®
ADSD-1402
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000 / Fax: (508) 339-6356
For immediate assistance: (800) 233-2765
Internet: www.datel.com
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH Munchen, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-6354-2025
®®
DATELmakes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting
of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATELlogo is a registered DATEL, Inc. trademark.
DS-0520C 11/03
MODEL NUMBER
OPERATING TEMP. RANGE
ADSD-1402MC
0 to +70°C
ADSD-1402MM
–55 to +125°C
ACCESSORIES
HS-40
Heat Sink for all ADSD-1402 models
ORDERING INFORMATION
MECHANICAL DIMENSIONS INCHES (mm)
ISO 9001
ISO 9001
REGI
ST ERED
PIN 1 INDEX
(
ON TOP)
2.12/2.07
(53.85/52.58)
0.018 ±0.002
(0.457)
0.100 TYP.
(2.540)
0.110/0.090
(2.794/2.286)
SEATING
PLANE
0.035/0.015
(0.889/0.381)
0.200/0.175
(5.080/4.445)
0.245 MAX.
(6.223)
0.210 MAX.
(5.334)
0.045/0.035
(1.143/0.889)
1.11/1.08
(28.20/27.43)
1
20
21
40
1.900 ±0.008
(48.260)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
0.015/0.009
(0.381/0.229)
0.900 ±0.010
(22.86)
0.110/0.090
(2.794/2.286
PIN 1 INDEX
(
ON TOP)
2.12/2.07
(53.85/52.58)
0.018 ±0.002
(0.457)
0.100 TYP.
(2.540)
0.110/0.090
(2.794/2.286)
SEATING
PLANE
0.035/0.015
(0.889/0.381)
0.200/0.175
(5.080/4.445)
0.245 MAX.
(6.223)
0.210 MAX.
(5.334)
0.045/0.035
(1.143/0.889)
1.11/1.08
(28.20/27.43)
1
20
21
40
1.900 ±0.008
(48.260)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
0.015/0.009
(0.381/0.229)
0.900 ±0.010
(22.86)
0.110/0.090
(2.794/2.286
PIN 1 INDEX
(
ON TOP)
2.12/2.07
(53.85/52.58)
0.018 ±0.002
(0.457)
0.100 TYP.
(2.540)
0.110/0.090
(2.794/2.286)
SEATING
PLANE
0.035/0.015
(0.889/0.381)
0.200/0.175
(5.080/4.445)
0.245 MAX.
(6.223)
0.210 MAX.
(5.334)
0.045/0.035
(1.143/0.889)
1.11/1.08
(28.20/27.43)
1
20
21
40
1.900 ±0.008
(48.260)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
0.015/0.009
(0.381/0.229)
0.900 ±0.010
(22.86)
0.110/0.090
(2.794/2.286
Contact DATEL for high-reliability versions


Similar Part No. - ADSD-1402S-EX

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADSD-1402S-EX DATEL-ADSD-1402S-EX Datasheet
105Kb / 1P
   Sampling A/D Converters
ADSD-1402S-EX-C DATEL-ADSD-1402S-EX-C Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADSD-1402S-EX

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADSD-1402 MURATA-PS-ADSD-1402 Datasheet
170Kb / 5P
   Dual, 14-Bit, 2MSPS Sampling A/D Converter
logo
Delta Electronics, Inc.
ADSD1420S DELTA-ADSD1420S Datasheet
346Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
Murata Power Solutions ...
ADSD-1410S MURATA-PS-ADSD-1410S Datasheet
170Kb / 5P
   Dual 14-Bit, 10MSPS Sampling A/D Converter
logo
C&D Technologies
ADSD-1410S CANDD-ADSD-1410S Datasheet
134Kb / 5P
   Dual 14-Bit, 10MSPS Sampling A/D Converter
logo
Murata Power Solutions ...
ADSD-1420S MURATA-PS-ADSD-1420S Datasheet
117Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
Linear Technology
LTC1414 LINER-LTC1414 Datasheet
353Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
LTC1414 LINER-LTC1414_15 Datasheet
294Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
logo
Austin Semiconductor
AS1419 AUSTIN-AS1419 Datasheet
1,010Kb / 20P
   14 Bit, 800ksps Sampling A/D Converter with Shutdown
logo
Murata Power Solutions ...
ADSQ-1410 MURATA-PS-ADSQ-1410 Datasheet
388Kb / 11P
   Quad 14-Bit, 10 MSPS Sampling A/D Converter
logo
Linear Technology
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com