Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHP-250 Datasheet(PDF) 1 Page - Mini-Circuits

Part # NHP-250
Description  High Pass Filter 50廓 225 to 3000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

NHP-250 Datasheet(HTML) 1 Page - Mini-Circuits

  NHP-250 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Outline Drawing
Maximum Ratings
Outline Dimensions (
)
inch
mm
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Applications
• lab use
• transmitters/receivers
• radio communications
NHP-250+
REV. C
M113397
NHP-250+
080606
50
225 to 3000 MHz
CASE STYLE: FF57
Connectors
Model
Price
Qty.
N-Type
NHP-250+
$36.95 ea. (1-9)
electrical schematic
typical frequency response
High Pass Filter Electrical Specifications
High Pass Filter
Coaxial
STOPBAND
(MHz)
fco (MHz)
Nom.
PASSBAND
(MHz)
VSWR
(:1)
(loss > 40 dB)
(loss > 20 dB)
(loss 3 dB)
(loss <1 dB)
Stopband
Typ.
Passband
Typ.
DC-100
100-150
205
225-3000
17
1.3
RF IN
RF OUT
20
40
3
1
Frequency/fco
DC
.5
.75 1 1.1
Features
• rugged shielded case
• other standard and custom NHP models available
with wide selection of fco
B
D
E
wt
.67
2.90
.82 grams
17.02 73.66 20.83
90.0
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
Frequency
(MHz)
Group Delay
(nsec)
_
x
σ
INSERTION LOSS
0
1
10
100
0
600
1200
1800
2400
3000
FREQUENCY (MHz)
at RF level of 0 dBm
RETURN LOSS
0
5
10
15
20
25
30
35
40
0
600
1200
1800
2400
3000
FREQUENCY (MHz)
at RF level of 0 dBm
GROUP DELAY
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0
600
1200
1800
2400
3000
FREQUENCY (MHz)
at RF level of 0 dBm
10.00
72.15
5.67
0.03
100.00
2.23
100.00
57.26
0.27
0.08
129.00
2.63
129.00
41.25
0.45
0.17
130.00
2.59
130.00
40.71
0.46
0.18
140.00
2.90
140.00
35.39
0.54
0.20
150.00
3.17
150.00
30.09
0.62
0.22
160.00
3.63
160.00
24.78
0.73
0.26
166.00
4.00
166.00
21.57
0.80
0.29
170.00
4.32
170.00
19.43
0.85
0.34
180.00
5.39
180.00
14.04
0.97
0.53
190.00
7.09
190.00
8.77
1.03
1.02
199.00
9.19
199.00
4.65
0.89
2.21
200.00
9.41
200.00
4.26
0.86
2.43
201.00
9.63
201.00
3.90
0.83
2.67
202.00
9.83
202.00
3.56
0.79
2.93
203.00
10.02
203.00
3.24
0.75
3.23
204.00
10.18
204.00
2.94
0.70
3.56
205.00
10.32
205.00
2.66
0.66
3.91
206.00
10.43
206.00
2.41
0.61
4.31
210.00
10.58
210.00
1.60
0.42
6.27
225.00
8.03
225.00
0.55
0.03
23.49
300.00
2.94
300.00
0.30
0.02
30.05
400.00
1.59
500.00
0.19
0.00
33.64
500.00
1.09
600.00
0.19
0.00
30.85
600.00
0.83
700.00
0.19
0.01
28.81
700.00
0.67
800.00
0.20
0.01
28.48
800.00
0.58
900.00
0.20
0.01
29.04
900.00
0.52
1000.00
0.20
0.00
29.79
1000.00
0.47
2000.00
0.29
0.00
27.11
2000.00
0.34
3000.00
0.51
0.02
16.22
3000.00
0.32
Typical Performance Data
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.


Similar Part No. - NHP-250

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NHP-25 MINI-NHP-25 Datasheet
82Kb / 1P
   High Pass Filter 50廓 27.5 to 800 MHz
NHP-25++ MINI-NHP-25+ Datasheet
82Kb / 1P
   High Pass Filter 50廓 27.5 to 800 MHz
More results

Similar Description - NHP-250

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SHP-250 MINI-SHP-250 Datasheet
128Kb / 1P
   High Pass Filter 50廓 225 to 3000 MHz
BHP-250 MINI-BHP-250 Datasheet
71Kb / 1P
   High Pass Filter 50廓 225 to 3000 MHz
SHP-200 MINI-SHP-200 Datasheet
129Kb / 1P
   High Pass Filter 50廓 185 to 3000 MHz
NHP-700 MINI-NHP-700 Datasheet
84Kb / 1P
   High Pass Filter 50廓 700 to 3000 MHz
NHP-800 MINI-NHP-800 Datasheet
141Kb / 1P
   High Pass Filter 50廓 780 to 3000 MHz
BHP-600 MINI-BHP-600 Datasheet
71Kb / 1P
   High Pass Filter 50廓 600 to 3000 MHz
NHP-200 MINI-NHP-200 Datasheet
84Kb / 1P
   High Pass Filter 50廓 185 to 3000 MHz
NHP-900 MINI-NHP-900 Datasheet
136Kb / 1P
   High Pass Filter 50廓 910 to 3000 MHz
SHP-700 MINI-SHP-700 Datasheet
165Kb / 1P
   High Pass Filter 50廓 700 to 3000 MHz
SHP-800 MINI-SHP-800 Datasheet
132Kb / 1P
   High Pass Filter 50廓 780 to 3000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com